Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75143PI Datasheet (PDF) - Philex Electronic Ltd.

75143PI Datasheet PDF - Philex Electronic Ltd.
Part # 75143PI
Download  75143PI Download
File Size   178.65 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m USB-A to Lightning Cable

75143PI Datasheet (PDF)

Go To PDF Page Download Datasheet
75143PI Datasheet PDF - Philex Electronic Ltd.

Part # 75143PI
Download  75143PI Click to download

File Size   178.65 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m USB-A to Lightning Cable

75143PI Datasheet (HTML) - Philex Electronic Ltd.


75143PI Product details

Features & Benefits
• USB-A to Lightening cable for fast charging
and data transfer
• Nickel plated connections with PVC
cable sheath




Similar Part No. - 75143PI

ManufacturerPart #DatasheetDescription
logo
APM Hexseal Corporation...
75143 APM-75143 Datasheet
1Mb / 6P
SELF-SEALING FASTENERS
More results


Similar Description - 75143PI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
logo
List of Unclassifed Man...
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Tripp Lite. All Rights ...
M100-003-BK TRIPPLITE-M100-003-BK Datasheet
468Kb / 2P
USB Sync / Charge Cable with Lightning Connector - Black , 3-ft. (1M)
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
logo
IOGEAR
GAUL01-GLD IOGEAR-GAUL01-GLD Datasheet
178Kb / 3P
Charge & Sync Flip??Pro - Reversible USB to Lightning Cable, 3.3ft (1m) - Gold
GAUL01-RG IOGEAR-GAUL01-RG Datasheet
174Kb / 3P
Charge & Sync Flip??Pro - Reversible USB to Lightning Cable, 3.3ft (1m) - Rose Gold
GAUL01-SIL IOGEAR-GAUL01-SIL Datasheet
176Kb / 3P
Charge & Sync Flip??Pro - Reversible USB to Lightning Cable, 3.3ft (1m) - Silver
GRUL01-PK IOGEAR-GRUL01-PK Datasheet
158Kb / 3P
Charge & Sync Flip 3.3ft (1m) - Pink, Reversible USB to Lightning Cable
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com