Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-JCLPS1-EM Datasheet (PDF) - ams-OSRAM AG

GW-JCLPS1-EM Datasheet PDF - ams-OSRAM AG
Part # GW-JCLPS1-EM
Download  GW-JCLPS1-EM Download
File Size   1507.28 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS® E 3

GW-JCLPS1-EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-JCLPS1-EM Datasheet PDF - ams-OSRAM AG

Part # GW-JCLPS1-EM
Download  GW-JCLPS1-EM Click to download

File Size   1507.28 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS® E 3

GW-JCLPS1-EM Datasheet (HTML) - ams-OSRAM AG


GW-JCLPS1-EM Product details

Applications
——Area Lights
——Downlights/Spotlights
——Freezer Case
——Highbay Retail
——Lamp Retrofits
——Mood Lighting
——Portable LED Lighting
——Table Lamp
——Textile Illumination
Features:
——Package: white SMT package, colored diffused silicone resin
——Typ. Radiation: 120° (Lambertian emitter)
——Color temperature: 2700K - 6500K
——CRI: 80 (min.)
——ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
——Luminous Flux: typ. 30 lm @ 5000 K
——Luminous efficacy: typ. 153 lm/W @ 5000 K





Similar Part No. - GW-JCLPS1-EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GW-JCLPS1.EM OSRAM-GW-JCLPS1.EM Datasheet
2Mb / 25P
white SMT package, colored diffused silicone resin
More results


Similar Description - GW-JCLPS1-EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
logo
Lapp.
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
61802305 LAPP-61802305 Datasheet
102Kb / 1P
SILVYN® LTP-E
03.07.2018
logo
SIKA BUILDING TRUST
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
Parex® MONOGRIS E
December 2021, Version 01.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com