Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFD2004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFD2004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFD2004
Download  FMFD2004 Download
File Size   596.44 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Frequency Divider, Divide by 2 Prescaler Module, 100 MHz to 24 GHz, SMA

FMFD2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFD2004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFD2004
Download  FMFD2004 Click to download

File Size   596.44 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Frequency Divider, Divide by 2 Prescaler Module, 100 MHz to 24 GHz, SMA

FMFD2004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFD2004 Product details

Features
• include internal voltage regulation and reverse voltage protection. This frequency
• divider design requries +12 Vdc typical bias voltage, operates over maximum
• temperature range of -40°C to +85°C, and has an absolute maximum rating for
• input power of +13 dBm. The rugged and compact package suppors SMA Female
• connectors and RFI and Ground Pins. And for highly reliable operation, the model
• is guaranteed to meet MIL-STD-202 environmental test conditions for Humidity,
• Shock, Vibration, and Altitude.
Features
• Wide Input Frequency Range
• 100 MHz to 24 GHz
• Divide-by-2 Prescaler
• Output Frequency 50
• MHz to 12 GHz
• Output Power 0 dBm typical
• Low SSB Phase Noise -150 dBc/
• Hz @ 100 KHz offset typical
• RoHS & REACH
• Compliant Assembly
• Bias Voltage +12 Vdc @ 75mA
• Operational Temperature
• Range -40°C to +85°C
• Compact SMA
• Connectorized Package
• Designed to meet MIL-
• STD-202 Test Conditions
• Reverse Voltage protection
• Internal Voltage Regulation
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• FMFD2004
• DATA SHEET




Similar Part No. - FMFD2004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD20001 FAIRVIEW-FMFD20001 Datasheet
704Kb / 3P
SMA Frequency Divider Divide by 20 Prescaler Module Operating from 200 MHz to 6 GHz
REV 1.1
FMFD2001 FAIRVIEW-FMFD2001 Datasheet
698Kb / 3P
SMA Frequency Divider Divide by 2 Prescaler Module Operating from 500 MHz to 18 GHz
REV 1.1
FMFD2002 FAIRVIEW-FMFD2002 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 2 Prescaler Module Operating from 100 MHz to 20 GHz
REV 1.1
More results


Similar Description - FMFD2004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
Divide-by-2 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com