Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD95 Datasheet (PDF) - LightGraphix

LD95 Datasheet PDF - LightGraphix
Part # LD95
Download  LD95 Download
File Size   1068.96 Kbytes
Page   3 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description Miniature Floor or Ceiling Mounted Spotlight

LD95 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD95 Datasheet PDF - LightGraphix

Part # LD95
Download  LD95 Click to download

File Size   1068.96 Kbytes
Page   3 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description Miniature Floor or Ceiling Mounted Spotlight

LD95 Datasheet (HTML) - LightGraphix


LD95 Product details

Key Features
Miniature design with high output LED
Excellent diffused beam shape from a range of optics
Optional glare shield accessory
Typical 93 CRI in 3000K warm white
Integral anti-wicking barrier provides increased protection aga inst moisture
Range of finishes available
Variable output options
Machined from a solid billet of aluminium
Reverse polarity protection
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers




Similar Part No. - LD95

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9532 LEADTREND-LD9532 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9532GM7 LEADTREND-LD9532GM7 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9532GN LEADTREND-LD9532GN Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9535 LEADTREND-LD9535 Datasheet
978Kb / 16P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV.00
LD9535C LEADTREND-LD9535C Datasheet
1Mb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results


Similar Description - LD95

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
logo
List of Unclassifed Man...
CM0203F2102806 ETC2-CM0203F2102806 Datasheet
1Mb / 10P
Ceiling-mounted 3dBi Wide-band Antenna 700MHz to 6GHz
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
Taoglas antenna solutio...
CM.02.03F21.02806 TAOGLAS-CM.02.03F21.02806_17 Datasheet
758Kb / 11P
CEILING-MOUNTED 3DBI WIDE-BAND ANTENNA 700MHZ TO 6GHZ
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
EnOcean GmbH.
EOSCA ENOCEAN-EOSCA Datasheet
188Kb / 2P
Occupancy Sensor Ceiling Mounted
V2.4 April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com