Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78G16 Datasheet (PDF) - Renesas Technology Corp

RL78G16 Datasheet PDF - Renesas Technology Corp
Part # RL78G16
Download  RL78G16 Download
File Size   2527.65 Kbytes
Page   85 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

RL78G16 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL78G16 Datasheet PDF - Renesas Technology Corp

Part # RL78G16
Download  RL78G16 Click to download

File Size   2527.65 Kbytes
Page   85 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

RL78G16 Datasheet (HTML) - Renesas Technology Corp


RL78G16 Product details

Low power consumption technology
 VDD = single power supply voltage of 2.4 to 5.5 V
 HALT mode
 STOP mode
RL78 CPU core
 CISC architecture with 3-stage pipeline
 Minimum instruction execution time: Can be changed
from high speed (0.0625 μs: @ 16 MHz operation
with high-speed on-chip oscillator) to ultra-low speed
(30.5 μs: @ 32.768 kHz operation with subsystem clock)
 Address space: 1 MB
 General-purpose registers: (8-bit register × 8) × 4 banks
 On-chip RAM: 2 KB
Code flash memory
 Code flash memory: 16 to 32 KB
 Block size: 1 KB
 Only write after erase is possible
 On-chip debug function
 Self-programming (with no boot swap function/flash shield window function)
Data flash memory




Similar Part No. - RL78G16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78G10 RENESAS-RL78G10 Datasheet
499Kb / 13P
MPU/MCU
RL78G10 RENESAS-RL78G10_15 Datasheet
442Kb / 35P
RENESAS MCU
RL78G12 RENESAS-RL78G12 Datasheet
1Mb / 110P
RENESAS MCU
RL78G12 RENESAS-RL78G12_15 Datasheet
1Mb / 110P
RENESAS MCU
RL78G13 RENESAS-RL78G13 Datasheet
229Kb / 46P
Serial Array Unit
More results


Similar Description - RL78G16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com