Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F100GFJ3CFP Datasheet (PDF) - Renesas Technology Corp

R7F100GFJ3CFP Datasheet PDF - Renesas Technology Corp
Part # R7F100GFJ3CFP
Download  R7F100GFJ3CFP Download
File Size   1629.57 Kbytes
Page   183 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

R7F100GFJ3CFP Datasheet (PDF)

Go To PDF Page Download Datasheet
R7F100GFJ3CFP Datasheet PDF - Renesas Technology Corp

Part # R7F100GFJ3CFP
Download  R7F100GFJ3CFP Click to download

File Size   1629.57 Kbytes
Page   183 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

R7F100GFJ3CFP Datasheet (HTML) - Renesas Technology Corp


R7F100GFJ3CFP Product details

Ultra-low power consumption technology
• VDD = single power supply voltage of 1.6 to 5.5 V
• HALT mode
• STOP mode
High-speed wakeup from the STOP mode is possible.
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• The minimum instruction execution time can be
changed from high to ultra-low speed.
– High speed: 0.03125 μs at 32-MHz operation
with the high-speed on-chip oscillator clock
– Ultra-low speed: 30.5 μs at 32.768-kHz
operation with the subsystem clock
• Multiply/divide/multiply & accumulate instructions are supported.
• Address space: 1 MB
• General-purpose registers:
(8-bit register × 8) × 4 banks
• On-chip RAM: 12 to 48 KB
Code flash memory
• Code flash memory: 96 to 768 KB
• Block size: 2 KB
• Prohibition of block erase and rewriting (security function)
• On-chip debugging
• Self-programming (with boot swapping and flash shield window)
Data flash memory
• Data flash memory: 8 KB
• Background operation (BGO):
Instructions can be executed from the program
memory while rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (typ.)




Similar Part No. - R7F100GFJ3CFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7F100LFE3CFP RENESAS-R7F100LFE3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LFG3CFP RENESAS-R7F100LFG3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LFJ3CFP RENESAS-R7F100LFJ3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LFL3CFP RENESAS-R7F100LFL3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LGE3CFB RENESAS-R7F100LGE3CFB Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
More results


Similar Description - R7F100GFJ3CFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com