Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5010JLL Datasheet (PDF) - Inchange Semiconductor Company Limited

APT5010JLL Datasheet PDF - Inchange Semiconductor Company Limited
Part # APT5010JLL
Download  APT5010JLL Download
File Size   684.36 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET

APT5010JLL Datasheet (PDF)

Go To PDF Page Download Datasheet
APT5010JLL Datasheet PDF - Inchange Semiconductor Company Limited

Part # APT5010JLL
Download  APT5010JLL Click to download

File Size   684.36 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET

APT5010JLL Datasheet (HTML) - Inchange Semiconductor Company Limited


APT5010JLL Product details

DESCRIPTION
·Drain Current -ID= 41A@ TC=25℃
·Drain Source Voltage
-VDSS= 500V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 0.1Ω(Max)@VGS= 10V
APPLICATIONS
·DC-DC Coverters
·AC and DC Motor Drives
·PFC Circuits




Similar Part No. - APT5010JLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5010JLL ADPOW-APT5010JLL Datasheet
61Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5010JLL ADPOW-APT5010JLL Datasheet
174Kb / 5P
POWER MOS 7 MOSFET
APT5010JLLU2 ADPOW-APT5010JLLU2 Datasheet
466Kb / 7P
ISOTOP Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APT5010JLLU2 MICROSEMI-APT5010JLLU2 Datasheet
458Kb / 7P
ISOTOP Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APT5010JLLU3 ADPOW-APT5010JLLU3 Datasheet
467Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
More results


Similar Description - APT5010JLL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com