Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD154G Datasheet (PDF) - LightGraphix

LD154G Datasheet PDF - LightGraphix
Part # LD154G
Download  LD154G Download
File Size   2956.38 Kbytes
Page   7 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description TRIMLESS HIGH-POWER RECESSED EXTERIOR LED UPLIGHT

LD154G Datasheet (PDF)

Go To PDF Page Download Datasheet
LD154G Datasheet PDF - LightGraphix

Part # LD154G
Download  LD154G Click to download

File Size   2956.38 Kbytes
Page   7 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description TRIMLESS HIGH-POWER RECESSED EXTERIOR LED UPLIGHT

LD154G Datasheet (HTML) - LightGraphix


LD154G Product details

KEY FEATURES
> High-power P1 engine with CREE COB delivering upto 1443lm at 500mA
in 3000K
> E3 engine with NICHIA LED delivering up to 699lm at 700mA in 3000K, offering an
exceptional 9° extra narrow beam with peak intensity reaching 15,922cd
> N1 engine with CREE COB delivering up to 1028lm at 700mA in 3000K offering a
13° narrow beam
> Durable all glass bezel, suitable for a wide range of applications
> Utilises large 50mm low glare optics, chosen for efficiency, quality of beam and
ability to produce narrow beams at high outputs
> Low glare product with a choice of accessories to minimise the view of the light
source at various angles
> Fixing options include rebated trimless fixing sleeve, concrete housing and trimless
ground tube
> Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
> For applications requiring super low glare or an asymmetric beam, please view the
LD154DRG and LD154TG data sheets
> Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available




Similar Part No. - LD154G

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD154-E3-350 LIGHTGRAPHIX-LD154-E3-350 Datasheet
3Mb / 9P
HIGH-POWER RECESSED EXTERIOR LED UPLIGHT
18 June 2026
LD154-E3-500 LIGHTGRAPHIX-LD154-E3-500 Datasheet
3Mb / 9P
HIGH-POWER RECESSED EXTERIOR LED UPLIGHT
18 June 2026
LD154-E3-700 LIGHTGRAPHIX-LD154-E3-700 Datasheet
3Mb / 9P
HIGH-POWER RECESSED EXTERIOR LED UPLIGHT
18 June 2026
LD154-LD154DO LIGHTGRAPHIX-LD154-LD154DO Datasheet
3Mb / 9P
HIGH-POWER RECESSED EXTERIOR LED UPLIGHT
18 June 2026
LD154-N1-350 LIGHTGRAPHIX-LD154-N1-350 Datasheet
3Mb / 9P
HIGH-POWER RECESSED EXTERIOR LED UPLIGHT
18 June 2026
More results


Similar Description - LD154G

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Analog Devices
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
logo
ETA-USA
AOLL1-100 ETA-USA-AOLL1-100 Datasheet
1Mb / 4P
100W Exterior LED Driver
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
240W Exterior LED Driver
AOLL1-300 ETA-USA-AOLL1-300 Datasheet
2Mb / 4P
300W Exterior LED Driver
AOLL1-60 ETA-USA-AOLL1-60 Datasheet
1Mb / 4P
60W Exterior LED Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com