Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LINE15 Datasheet (PDF) - LightGraphix

LINE15 Datasheet PDF - LightGraphix
Part # LINE15
Download  LINE15 Download
File Size   2771.17 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description EXTERIOR/ INTERIOR LINEAR RIGID

LINE15 Datasheet (PDF)

Go To PDF Page Download Datasheet
LINE15 Datasheet PDF - LightGraphix

Part # LINE15
Download  LINE15 Click to download

File Size   2771.17 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description EXTERIOR/ INTERIOR LINEAR RIGID

LINE15 Datasheet (HTML) - LightGraphix


LINE15 Product details

KEY FEATURES
> Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
> Ultra-shallow 15 mm depth for confined details
> Built-in reflector and colourLED® polycarbonate for flawless diffusion
> Colour-matched LEDs within 2-step MacAdam ellipse
> Continuous lengths up to 4.013m; 50mm cut increments
> Various LED outputs
> Rigid profile with minimal 1mm end caps
> IP54 as standard; IP67 version available for wet areas
> Range of mounting options
> Dimming: Switched, 1–10 V, DMX, DALI
> Designed, manufactured, and tested in the UK




Similar Part No. - LINE15

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LINE11 LIGHTGRAPHIX-LINE11 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE11-LT900 LIGHTGRAPHIX-LINE11-LT900 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
More results


Similar Description - LINE15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com