Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75131PI Datasheet (PDF) - Philex Electronic Ltd.

75131PI Datasheet PDF - Philex Electronic Ltd.
Part # 75131PI
Download  75131PI Download
File Size   145.9 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1M USB-A to Lightning Charging Cable

75131PI Datasheet (PDF)

Go To PDF Page Download Datasheet
75131PI Datasheet PDF - Philex Electronic Ltd.

Part # 75131PI
Download  75131PI Click to download

File Size   145.9 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1M USB-A to Lightning Charging Cable

75131PI Datasheet (HTML) - Philex Electronic Ltd.


75131PI Product details

Features & Benefits
• USB-A to Lightning cable for reliable charging and data transfer.
• Nylon braiding and premium aluminium housing for enhanced durability.
• 1M length for convenient use and connection.
• C189 Connector ensures compatibility with a wide range of devices.
• Ideal for connecting Apple devices to USB-A ports.
• Robust design withstands daily wear and tear.




Similar Part No. - 75131PI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7513 RENESAS-7513 Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Philex Electronic Ltd.
75130PI PHILEX-75130PI Datasheet
144Kb / 1P
3M USB-C to USB-C Charging Cable
75133PI PHILEX-75133PI Datasheet
146Kb / 1P
3M USB-A to Lightning Charging Cable
logo
Molex Electronics Ltd.
75134-1000 MOLEX9-75134-1000 Datasheet
285Kb / 5P
1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
75134-1001 MOLEX9-75134-1001 Datasheet
285Kb / 5P
1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
More results


Similar Description - 75131PI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
logo
List of Unclassifed Man...
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Tripp Lite. All Rights ...
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
IOGEAR
GAUL01-GLD IOGEAR-GAUL01-GLD Datasheet
178Kb / 3P
Charge & Sync Flip??Pro - Reversible USB to Lightning Cable, 3.3ft (1m) - Gold
GAUL01-RG IOGEAR-GAUL01-RG Datasheet
174Kb / 3P
Charge & Sync Flip??Pro - Reversible USB to Lightning Cable, 3.3ft (1m) - Rose Gold
GAUL01-SIL IOGEAR-GAUL01-SIL Datasheet
176Kb / 3P
Charge & Sync Flip??Pro - Reversible USB to Lightning Cable, 3.3ft (1m) - Silver
GRUL01-PK IOGEAR-GRUL01-PK Datasheet
158Kb / 3P
Charge & Sync Flip 3.3ft (1m) - Pink, Reversible USB to Lightning Cable
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com