Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75137PI Datasheet (PDF) - Philex Electronic Ltd.

75137PI Datasheet PDF - Philex Electronic Ltd.
Part # 75137PI
Download  75137PI Download
File Size   776.33 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m Rugged USB-A to USB-C Cable

75137PI Datasheet (PDF)

Go To PDF Page Download Datasheet
75137PI Datasheet PDF - Philex Electronic Ltd.

Part # 75137PI
Download  75137PI Click to download

File Size   776.33 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m Rugged USB-A to USB-C Cable

75137PI Datasheet (HTML) - Philex Electronic Ltd.


75137PI Product details

Features
• USB 2.0 compatibility for reliable data transfer
and charging for a variety of devices.
• Optimised for quick charge and high-speed
data transfer rates.
• A braided outer layer prevents tangling and
adds durability.
• Enhanced strain relief design.




Similar Part No. - 75137PI

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
75137 BRADY-75137 Datasheet
1Mb / 1P
Traffic Control Signs
More results


Similar Description - 75137PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com