Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KAGMB6-CM Datasheet (PDF) - ams-OSRAM AG

GW-KAGMB6-CM Datasheet PDF - ams-OSRAM AG
Part # GW-KAGMB6-CM
Download  GW-KAGMB6-CM Download
File Size   1905.32 Kbytes
Page   20 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 15

GW-KAGMB6-CM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-KAGMB6-CM Datasheet PDF - ams-OSRAM AG

Part # GW-KAGMB6-CM
Download  GW-KAGMB6-CM Click to download

File Size   1905.32 Kbytes
Page   20 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 15

GW-KAGMB6-CM Datasheet (HTML) - ams-OSRAM AG


GW-KAGMB6-CM Product details

Applications
- Indoor lighting
Features
- Package: Chip-on-Board
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 4000K
- CRI: 90 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 3335 lm @ 3000 K, 85 °C
- Luminous efficacy: typ. 135 lm/W @ 3000 K, 85 °C





Similar Part No. - GW-KAGMB6-CM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-KAGMB6-EM AMSOSRAM-GW-KAGMB6-EM Datasheet
1Mb / 20P
SOLERIQ™ S 15
Version 1.7 2026-04-23
More results


Similar Description - GW-KAGMB6-CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
logo
ERNI Electronics
144848 ERNI-144848 Datasheet
96Kb / 1P
TMC S 15 SMD EUROSTYLE
144872 ERNI-144872 Datasheet
134Kb / 1P
TMC-S-15-EE-Standard-BA8
144880 ERNI-144880 Datasheet
119Kb / 1P
TMC-S-15-EE-Euro-BA8
144912 ERNI-144912 Datasheet
115Kb / 1P
TMC-S 15-SMD-9,0-BA8
100201660001 ERNI-100201660001 Datasheet
114Kb / 1P
TMC S 15 SMD EUROSTYLE
logo
OSRAM GmbH
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com