Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8716 Datasheet (PDF) - Anpec Electronics Coropration

APW8716 Datasheet PDF - Anpec Electronics Coropration
Part # APW8716
Download  APW8716 Download
File Size   278.09 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Input Voltage 12A PWM Converter With Adj. Soft Start

APW8716 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW8716 Datasheet PDF - Anpec Electronics Coropration

Part # APW8716
Download  APW8716 Click to download

File Size   278.09 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Input Voltage 12A PWM Converter With Adj. Soft Start

APW8716 Datasheet (HTML) - Anpec Electronics Coropration


APW8716 Product details

Features
· Adjustable Output Voltage from +0.8V to +12V
- 0.8V Reference Voltage
- +1% Accuracy over Temperature
· Operates from An Input Battery Voltage Range of
+2.7V to +28V
· Power-On-Reset Monitoring on VCC pin
· Excellent line and load transient responses
· PFM mode for increased light load efficiency
· Programmable PWM Frequency from 300kHz to
1000kHz
· Integrated 9.7mW at VCC=5V N-Channel MOSFET
For High Side
· Integrated 5.2mW at VCC=5V N-Channel MOSFET
For Low Side
· Integrated Bootstrap Forward P-CH MOSFET
· External Adjustable Soft-Start and Soft-Stop
· Selectable Forced PWM or automatic PFM/PWM
mode
· Power Good Monitoring
· 70% Under-Voltage Protection
· 125% Over-Voltage Protection
· Current-Limit Protection
- Using Sense Low-Side MOSFET’s RDS(ON)
· Over-Temperature Protection
· TQFN-30 5mmx5mm package
· Lead Free and Green Device Available (RoHS
Compliant)

General Description
The APW8716 is a 12A, synchronous, step-down converter with integrated 9.7mW N-channel High-Side
MOSFET and 5.2mW Low-Side MOSFET. The APW8716
steps down high voltage to generate low-voltage chipset
or RAM supplies in notebook computers.
The APW8716 provides excellent transient response and
accurate DC voltage output in either PFM or PWM Mode.
In Pulse Frequency Mode (PFM), the APW8716 provides
very high efficiency over light to heavy loads with loadingmodulated switching frequencies. In PWM Mode, the converter works nearly at constant frequency for low-noise
requirements.
The APW8716 is equipped with accurate current-limit, output under-voltage, and output over-voltage protections,
perfect for various applications. A Power-On-Reset function monitors the voltage on VCC to prevent wrong
operation during power-on. The APW8716 has external
adjustable soft-start and built-in an integrated output discharge method for soft stop. A soft-start ramps up the
output voltage with programmable timing to reduce the
start-up current. A soft-stop function actively discharges
the output capacitors.
The APW8716 is available in TQFN5x5-30 (Power PAK).

Applications
· Notebook
· Mother Board
· Table PC
· Hand-Held Portable
· AIO PC
· Set-top boxes
· LCD TV




Similar Part No. - APW8716

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8713 ANPEC-APW8713 Datasheet
801Kb / 24P
High Input Voltage 8A PWM Converter With Adj. Soft Start
APW8713QBI-TRG ANPEC-APW8713QBI-TRG Datasheet
801Kb / 24P
High Input Voltage 8A PWM Converter With Adj. Soft Start
APW8713QBI-TRL ANPEC-APW8713QBI-TRL Datasheet
801Kb / 24P
High Input Voltage 8A PWM Converter With Adj. Soft Start
APW8715 ANPEC-APW8715 Datasheet
256Kb / 20P
High Input Voltage 6A PWM Converter With Adj. Soft Start
APW8715E ANPEC-APW8715E Datasheet
259Kb / 21P
High Input Voltage 6A PWM Converter With Low Iq
Rev. A.4 - Aug., 2017
More results


Similar Description - APW8716

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V 1.0
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V5.0
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Texas Instruments
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Anpec Electronics Corop...
APW8713 ANPEC-APW8713 Datasheet
801Kb / 24P
High Input Voltage 8A PWM Converter With Adj. Soft Start
APW8715 ANPEC-APW8715 Datasheet
256Kb / 20P
High Input Voltage 6A PWM Converter With Adj. Soft Start
logo
Monolithic Power System...
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com