Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM88F758NSS28 Datasheet (PDF) - ELAN Microelectronics Corp

EM88F758NSS28 Datasheet PDF - ELAN Microelectronics Corp
Part # EM88F758NSS28
Download  EM88F758NSS28 Download
File Size   2962.8 Kbytes
Page   190 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT Microcontroller

EM88F758NSS28 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM88F758NSS28 Datasheet PDF - ELAN Microelectronics Corp

Part # EM88F758NSS28
Download  EM88F758NSS28 Click to download

File Size   2962.8 Kbytes
Page   190 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT Microcontroller

EM88F758NSS28 Datasheet (HTML) - ELAN Microelectronics Corp


EM88F758NSS28 Product details

General Description
EM88F758N is an 8-bit microprocessor designed and developed with low-power, high-speed
CMOS technology. It has an on-chip 8K16-bit electrical flash memory and 2568-bit in system
programmable EEPROM.
The debug function is built in EM88F758N chip. User can read the program code from JTAG port
and monitor the on-chip register status, memory and program trace log on computer.
EM88F758N includes a capacitive touch-sensitive function. The self-contained capacitive touch
key is covered with a plastic or glass case. The system controller converts finger data to button
presses, depending on finger location and human interface context.
Using OCDS, user can develop their program for several ELAN flash types IC.

Features
 CPU configuration
 8K16-bit Flash memory
 (48+512) bytes general purpose register
 256 bytes in-system programmable EEPROM
 More than 10 years data retention
 16-level stacks for subroutine nesting
 Less than 1.5 mA at 5V/4MHz
 Typically 15 A, at 3V/16kHz
 Typically 22 A, at 3V/32kHz
 Typically 1 A, during sleep mode
 3 programmable Level Volt Reset
LVR: 4.0V, 3.5V, 2.7V, 1.65V (BOR), 1.5V(POR)
 1 sets of 4 programmable Level Voltage Detector
LVD: 4.5V, 4.0V, 3.3V, 2.2V
 Six CPU operation modes (Normal, Green, Idle, Sleep,
TK-Idle TK-Sleep)
 I/O port configuration
 6 bidirectional I/O ports: P5~P9, PA
 4 programmable pin change wake-up ports : P5~P8
 6 programmable pull-down I/O ports: P5~P9, PA
 6 programmable pull-high I/O ports: P5~P9, PA
 6 programmable open-drain I/O ports: P5~P9, PA
 6 programmable high-sink/drive I/O ports: P5~P9, PA
 Operating voltage range:
 2.0V~5.5V at -40C~85C (Industrial)
 1.8V~5.5V at 0C~85C (Commercial)
 Operating frequency range (base on two clocks):
Main oscillator:
 Crystal mode:
DC ~ 20 MHz at 4.5V~5.5V
DC ~ 16 MHz at 3.5V~5.5V
DC ~ 8 MHz at 2.0V~5.5V
DC ~ 4 MHz at 1.8V~5.5V
 IRC mode:
DC ~ 20 MHz at 4.5V~5.5V
DC ~ 16 MHz at 3.5V~5.5V
DC ~ 8 MHz at 2.0V~5.5V
DC ~ 4 MHz at 1.8V~5.5V
Sub oscillator:
 IRC mode: 16k/128kHz
 Crystal Mode : 32.768kHz
 Peripheral configuration
 8-bit real time clock/counter (TCC) with selective signal
sources, trigger edges, and overflow interrupt
 Two Pulse Width Modulation (PWMA, PWMB) with 10-bit
resolution shared with Timers A and B
 Three 8-bit timers (TC1/TC2/TC3) with seven modes:
Timer/Counter/Capture/Window/Buzzer/PWM/PDO
(Programmable Divider Output) modes.
TC1+TC2 can be cascaded to one 16-bit counter/timer
 8+1 channels Analog-to-Digital Converter with 12-bit
resolution
One of the channels is 1/2 VDD power detection
 Touch key function 20 traces(Sensor) for 2 groups,
operating voltage range from 2.4V to 5.5V
 Serial transmitter/receiver interface (SPI): 3-wire
synchronous communication
 I
2
C function with 7/10 bits address and 8 bits data
transmit/receive mode
 Power down (Sleep) mode
 21 available interrupts: (3 external, 18 internal)
 Watch timer interrupt
 External interrupt: EINT0,EINT1
 TCC overflow interrupt
 TC1, TC2, TC3 overflow interrupt
 Input-port status changed interrupt
 ADC completion interrupt
 PWMA, PWMB period/duty match completion
 I
2
C transfer/receive/stop interrupt
 SPI interrupt
 LVD interrupt
 System hold interrupt
 Touch key conversion finish, limit check, error interrupt
 Single instruction cycle commands
 Five kinds of oscillation range in Crystal Mode
 Programmable free running watchdog timer
 Watchdog Timer: 16.5ms ± 5% with VDD =5V at 25C,
Temperature range ± 5% (-40°C ~+85°C)
 Watchdog Timer: 16.5ms ± 5% with VDD = 3V at 25C,
Temperature range ± 5% (-40°C~+85°C)
 Two clocks per instruction cycle
 Package Type:
 44-pin LQFP : 10*10*1.4mm EM88F758NL44
 40-pin QFN : 5*5*0.8mm EM88F758NQN40
 28-pin SOP : 300mil EM88F758NSO28
 28-pin SSOP : 209mil EM88F758NSS28
 28-pin SKDIP : 300mil EM88F758NK28
 20-pin SOP : 300mil EM88F758NSO20
Note: These are all Green products which do not contain
hazardous substances.




Similar Part No. - EM88F758NSS28

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM8800A EXCELLIANCE-EM8800A Datasheet
187Kb / 8P
Constant Off Time, Current-Mode Controller for LED Applications
EM8800AG EXCELLIANCE-EM8800AG Datasheet
187Kb / 8P
Constant Off Time, Current-Mode Controller for LED Applications
EM8801A EXCELLIANCE-EM8801A Datasheet
227Kb / 10P
Constant Off Time, Current-Mode Controller for LED Applications
EM8801AG EXCELLIANCE-EM8801AG Datasheet
227Kb / 10P
Constant Off Time, Current-Mode Controller for LED Applications
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
Single stage Buck/Buck-Boost PFC Controller for LED Lighting
More results


Similar Description - EM88F758NSS28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com