Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD03 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

SD03 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # SD03
Download  SD03 Download
File Size   154.49 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description TVS Diodes

SD03 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD03 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # SD03
Download  SD03 Click to download

File Size   154.49 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description TVS Diodes

SD03 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


SD03 Product details

Ƶ Features
ƽ 350 Watts Peak Pulse Power per Line (tp = 8/20μs)
ƽ Unidirectional & Bidirectional Configurations
ƽ Replacement for MLV (0805)
ƽ Protects One Power or I/O Port
ƽ ESD Protection > 40 kilovolts
ƽ Low Clamping Voltage
ƽ Available in Multiple Voltage Types Ranging from 3V to 24V
ƽ Ultra Low Capacitance: 3pF Typical




Similar Part No. - SD03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
Low Leakage
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
More results


Similar Description - SD03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
Silicon TVS diodes
2009-02-18
ESD5V0S INFINEON-ESD5V0S Datasheet
153Kb / 8P
Silicon TVS Diodes
2007-12-07
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z12BT1G YEASHIN-YSESD3Z12BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
Bidirectional TVS Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com