Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMP1102 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMP1102 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMP1102
Download  FMMP1102 Download
File Size   505.44 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Matching Pad 75 Ohm N Male to 50 Ohm N Female Operating from DC to 3 GHz

FMMP1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMP1102 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMP1102
Download  FMMP1102 Click to download

File Size   505.44 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Matching Pad 75 Ohm N Male to 50 Ohm N Female Operating from DC to 3 GHz

FMMP1102 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMP1102 Product details

Features
• DC to 3 GHz Frequency Range
• Low VSWR < 1.25:1
• 0.5 W Max Power (CW)
• Applications:
• CATV / Cable Networks
• Test and Measurement
• Communication Systems
• Wireless Systems
• FMMP1102
• DATA SHEET




Similar Part No. - FMMP1102

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMP1100 FAIRVIEW-FMMP1100 Datasheet
501Kb / 3P
Matching Pad 50 Ohm BNC Male to 75 Ohm BNC Female Operating from DC to 3 GHz
REV 1A
FMMP1101 FAIRVIEW-FMMP1101 Datasheet
506Kb / 3P
Matching Pad 50 Ohm N Male to 75 Ohm N Female Operating from DC to 3 GHz
REV 1A
FMMP1103 FAIRVIEW-FMMP1103 Datasheet
508Kb / 3P
Matching Pad 50 Ohm N Male to 75 Ohm F Female Operating from DC to 3 GHz
REV 1A
FMMP1104 FAIRVIEW-FMMP1104 Datasheet
467Kb / 3P
Matching Pad 50 Ohm N Female to 75 Ohm F Male Operating from DC to 3 GHz
REV 1A
FMMP1105 FAIRVIEW-FMMP1105 Datasheet
468Kb / 3P
Matching Pad 50 Ohm N Female to 75 Ohm N Female Operating from DC to 3 GHz
REV 1A
More results


Similar Description - FMMP1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7006 PASTERNACK-PE7006 Datasheet
206Kb / 3P
50 Ohm BNC Male To 75 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE7007 PASTERNACK-PE7007 Datasheet
210Kb / 3P
75 Ohm BNC Male To 50 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE7027 PASTERNACK-PE7027 Datasheet
206Kb / 3P
50 Ohm N Male To 75 Ohm N Female Matching Pad Operating From DC to 2 GHz RoHS Compliant
PE7028 PASTERNACK-PE7028 Datasheet
209Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 2 GHz RoHS Compliant
PE7070 PASTERNACK-PE7070 Datasheet
241Kb / 3P
50 Ohm N Male To 75 Ohm N Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7071 PASTERNACK-PE7071 Datasheet
249Kb / 3P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7072 PASTERNACK-PE7072 Datasheet
217Kb / 3P
50 Ohm N Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7073 PASTERNACK-PE7073 Datasheet
216Kb / 3P
50 Ohm N Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7074 PASTERNACK-PE7074 Datasheet
215Kb / 3P
50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7083 PASTERNACK-PE7083 Datasheet
204Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com