Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3XL Datasheet (PDF) - Bogen Communications LLC

3XL Datasheet PDF - Bogen Communications LLC
Part # 3XL
Download  3XL Download
File Size   1767.64 Kbytes
Page   2 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description HIGH-PERFORMANCE 350 WATTS PER CHANNEL AMPLIFIER WITH INTEGRATED DSP

3XL Datasheet (PDF)

Go To PDF Page Download Datasheet
3XL Datasheet PDF - Bogen Communications LLC

Part # 3XL
Download  3XL Click to download

File Size   1767.64 Kbytes
Page   2 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description HIGH-PERFORMANCE 350 WATTS PER CHANNEL AMPLIFIER WITH INTEGRATED DSP

3XL Datasheet (HTML) - Bogen Communications LLC


3XL Product details

FEATURES
•High power output: 2 x 350W @ 4/8/16 ohms or 70V/100V
•Universal power: Switched-Mode power supply with active(Power Factor Correction) PFC and wide range input
•Class D amplifier output stages with efficiency up to 90%
•Protection: Self-limiting and shutdown protection circuitry including Clip, Over-current, Over/Under voltage, Output DC and Over-temperature
•Line output circuit for use in driving additional power amplifiersor other line level devices
•Excellent sonic performance with 24 bit high-end converters coupledwith 48kHz/24 bit DSP sample rate
•Very low-noise, highly efficient fan cooling system
•NEAR custom DSP engine:-5 band parametric equalization per input channel-7 band parametric equalization per output channel-Each band can be switched to Bell, Low/High Shelving, Low/High-Pass, and Notch filtering
•Crossover filters with slopes from 6dB/Octave up to 48dB/Octaveincluding Butterworth, Bessel, Linkwitz-Riley types
•Adjustable RMS Compressor, including variable ratio and knee,for each input and adjustable Peak Limiter for each output
•Adjustable Delay time up to 960ms for every input and output channel
•Storage for 16 presets for system configurations
•Front panel interactive LCD display for local accessand configuration via rotary push button control
•Flexible transformer-less output Speaker Drive mode settings for low-impedance or high-impedance applications
•Ethernet interface connection for system setup, monitoring, andcontrol via an intuitive Windows-based GUI application for theintegrator/user
•Automatic Stand-By Mode; selectable Sleep Mode
•Accessories (sold separately):AC Power Line Cord – UK version (P/N: ACLCUK) BS 546 to IEC-320-C13 plug connectors; 1.5m length
AC Power Line Cord – EU version (P/N: ACLCEU)
CEE 7/7 to IEC-320-C13 plug connectors; 1.5m length





Similar Description - 3XL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC46100 NSC-HPC46100 Datasheet
436Kb / 32P
HPC46100 High-Performance microController with DSP Capability
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
350-1400 Watts
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
350 Watts
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
350 Watts
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_14 Datasheet
319Kb / 39P
High Performance MagicV VLIW DSP
AT572D940HF ATMEL-AT572D940HF_14 Datasheet
3Mb / 745P
High Performance MagicV VLIW DSP
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
350 Watts
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
350 Watts
logo
STMicroelectronics
ST10F296E STMICROELECTRONICS-ST10F296E Datasheet
5Mb / 346P
High performance 16-bit CPU with DSP functions
20-Oct-2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com