Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6T Datasheet (PDF) - Bogen Communications LLC

A6T Datasheet PDF - Bogen Communications LLC
Part # A6T
Download  A6T Download
File Size   622.71 Kbytes
Page   4 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description A-Series All-Environment Loudspeakers

A6T Datasheet (PDF)

Go To PDF Page Download Datasheet
A6T Datasheet PDF - Bogen Communications LLC

Part # A6T
Download  A6T Click to download

File Size   622.71 Kbytes
Page   4 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description A-Series All-Environment Loudspeakers

A6T Datasheet (HTML) - Bogen Communications LLC


A6T Product details

Features
• Indoor and outdoor all-weather speaker with
fully-sealed cabinet
• Available versions: 8-ohm and 70V
• Available colors: black and white
• Metal-alloy MDT mid/bass speaker cone delivers natural
sound with ultra-low distortion
• Extremely stable, long-lasting MDT cone structure
• High efficiency and power handling for optimum
performance
• Dual-layer voice coil with separate inner and outer
windings for high output with ultra-low distortion
• MLS fluid voice coil suspension replaces
distortion-causing mechanical spider
• Compound rubber surrounds resist UV rays
and salt spray
• Gold-plated, rust-proof connectors
• High-density, injection-molded cabinet resists
chipping and scratching
• Low-resonance cabinet structure
• Easy-to-grasp multi-faceted mounting brackets
with 180o swivel
• Easy to grip, oversized mounting knobs
• Brackets mount with knobs attached for easier
and safer installation in hard-to-reach locations
• Heavy-gauge aluminum bracket
• Color-matched/powder-coated mounting brackets
• Corrosion-resistant driver frame & mounting
hardware
• Attractive styling with “Armadillo” ridges for stiffness
• 2-way speaker system
Description
Bogen’s A-Series "Armadillo" loudspeakers feature unique technologies
that improve sound quality and operating reliability.
Attractively styled, they are engineered for both indoor and outdoor
applications. The A6 models are conveniently sized, 2-way designs
with high power handling for applications such as restaurants,
health clubs, and patio and pool areas. Its high audio intelligibility
and superb articulation make it ideal for music or paging applications.
The A6 models also feature MDT (Metal Diaphragm Technology)
and MLS (Magnetic Liquid Suspension).
MDT (Metal Diaphragm Technology):
• High rigidity and low mass of metal versus traditional papers
and plastics
• Extremely stable cone structure over long periods of time
• Fast transmission of sound through the diaphragm means low
energy storage
• Special anodizing process creates a ceramic coating for
increased stiffness
• Efficient heat-sinking of voice coils under long-term,
high-power situations
MLS (Magnetic Liquid Suspension):
• Voice coil is constantly centered for lower distortion
• Voice coil is more efficiently heat-sinked by fluid instead of air
• Greater linearity is accomplished because the mechanical
spider is eliminated
• Constant lubrication of the gap prevents oxidation from
outdoor use




Similar Part No. - A6T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
DIP Switch (Slide Type)
logo
Mersen
A6T MERSEN-A6T Datasheet
167Kb / 2P
THESE SMALL DIMENSION FUSES ARE THE RIGHT FIT... FOR A TIGHT FIT
logo
Omron Electronics LLC
A6T-0101 OMRON-A6T-0101 Datasheet
520Kb / 4P
DIP Switch (Slide Type)
A6T-0101 OMRON-A6T-0101 Datasheet
232Kb / 6P
DIP Switch with Slide Pins
A6T-0102 OMRON-A6T-0102 Datasheet
520Kb / 4P
DIP Switch (Slide Type)
More results


Similar Description - A6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7401 STMICROELECTRONICS-TDA7401 Datasheet
68Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Jan-1999
TDA7435 STMICROELECTRONICS-TDA7435 Datasheet
90Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Nov-1996
logo
NTE Electronics
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
logo
List of Unclassifed Man...
4642 ETC2-4642 Datasheet
100Kb / 1P
Loudspeakers and Accessories
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
logo
ORION FANS
OA2543 ORIONFANS-OA2543 Datasheet
298Kb / 1P
AC - Harsh Environment
logo
JMK Inc.
ZF-1072D-10 JMK-ZF-1072D-10 Datasheet
78Kb / 1P
designed to operate in a military environment.
ZF-1072D-10B JMK-ZF-1072D-10B Datasheet
80Kb / 1P
designed to operate in a military environment.
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
ORION FANS
OA162AP-11-1WB ORIONFANS-OA162AP-11-1WB Datasheet
310Kb / 1P
AC - Harsh Environment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com