Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFI-4 Datasheet (PDF) - Bogen Communications LLC

AFI-4 Datasheet PDF - Bogen Communications LLC
Part # AFI-4
Download  AFI-4 Download
File Size   446.76 Kbytes
Page   2 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description Contractor Series Loudspeaker System

AFI-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFI-4 Datasheet PDF - Bogen Communications LLC

Part # AFI-4
Download  AFI-4 Click to download

File Size   446.76 Kbytes
Page   2 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description Contractor Series Loudspeaker System

AFI-4 Datasheet (HTML) - Bogen Communications LLC


AFI-4 Product details

Description:
The AFI-4 is a fully arrayable loudspeaker
versatile enough for clubs, discos, churches,
theaters, and theme parks. Much of this
versatility comes from the available options
that include a 60° x 45° or 90° x 45° horn as
well as bi-amplification capabilities. These
horns, as well as the logo plate, are rotatable
to allow alternative hanging positions.




Similar Part No. - AFI-4

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
AFI-115 BOGEN-AFI-115 Datasheet
324Kb / 2P
Subwoofer System
2017
AFI-118 BOGEN-AFI-118 Datasheet
286Kb / 2P
Subwoofer System
2017
AFI-1S2 BOGEN-AFI-1S2 Datasheet
469Kb / 2P
Contractor Series Loudspeaker System
2017
AFI-2S2 BOGEN-AFI-2S2 Datasheet
407Kb / 2P
Contractor Series Loudspeaker System
2006
AFI-3 BOGEN-AFI-3 Datasheet
494Kb / 2P
Contractor Series Loudspeaker System
2017
More results


Similar Description - AFI-4

ManufacturerPart #DatasheetDescription
logo
Energizer
IN421 ENERGIZER-IN421 Datasheet
123Kb / 1P
Contractor Flashlight
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
Panasonic Battery Group
LR20XWA PANASONICBATTERY-LR20XWA Datasheet
1Mb / 1P
Industrial Alkaline Contractor Packs
logo
Extech Instruments Corp...
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO290-RK EXTECH-MO290-RK Datasheet
273Kb / 1P
Water Restoration Contractor Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
logo
Assmann Electronics Inc...
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com