Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALA-C1 Datasheet (PDF) - Bogen Communications LLC

ALA-C1 Datasheet PDF - Bogen Communications LLC
Part # ALA-C1
Download  ALA-C1 Download
File Size   1121.07 Kbytes
Page   2 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description LINEARRAY LOUDSPEAKERSYSTEM

ALA-C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALA-C1 Datasheet PDF - Bogen Communications LLC

Part # ALA-C1
Download  ALA-C1 Click to download

File Size   1121.07 Kbytes
Page   2 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description LINEARRAY LOUDSPEAKERSYSTEM

ALA-C1 Datasheet (HTML) - Bogen Communications LLC


ALA-C1 Product details

DESCRIPTION
• 43" (110cm) line array
• Powder coated 6063-T5 extruded aluminum alloy
enclosure with internal ribs
• 6 x 1" metal alloy diaphragm tweeters with Ferrofluid
damping, UV and chemical resistant rubber surrounds,
corrosion-resistant magnets
• 9 x 4" metal alloy diaphragm woofers, with Ferrofluid
voice coil guidance, UV and chemical resistant rubber
surrounds
• 70V transformer built-in, with bypass for 8-ohm operation
• IP65-rated for use in any environment




Similar Part No. - ALA-C1

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
ALA-9 BOGEN-ALA-9 Datasheet
271Kb / 2P
Acoustic Linear Array Loudspeaker System
2016
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com