Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMD1004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMD1004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMD1004
Download  FMMD1004 Download
File Size   543.29 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-22 Waveguide Mixer Down Converter From 33 GHz to 50 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-383/U Flange

FMMD1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMD1004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMD1004
Download  FMMD1004 Click to download

File Size   543.29 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-22 Waveguide Mixer Down Converter From 33 GHz to 50 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-383/U Flange

FMMD1004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMD1004 Product details

Features
• Q Band (33 to 50 GHz) full
• waveguide Down converter
• Broad IF Frequency
• Range: DC to 18 GHz
• LO Drive level: +13
• dBm nominal
• RF & LO Ports: WR-22 with
• UG-383/U-MOD Flange
• Double Balanced design
• Low Capacitance GaAs
• Schottky Beam Lead diodes
• Gold Plated Compact
• Package Design
• Operating Temperature:
• 0°C to +50°C
• Applications:
• Receiver Subsystems
• Military Communications
• Commercial Communications
• Instruments and Test Equipment
• FMMD1004
• DATA SHEET




Similar Part No. - FMMD1004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMD1002 FAIRVIEW-FMMD1002 Datasheet
590Kb / 5P
WR-15 Waveguide Down Converter Mixer From 50 GHz to 75 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-385/U Flange
REV 1.0
FMMD1005 FAIRVIEW-FMMD1005 Datasheet
538Kb / 3P
WR-28 Waveguide Mixer Down Converter From 26.5 GHz to 40 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-599/U Flange
REV 1.0
More results


Similar Description - FMMD1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE12D1004 PASTERNACK-PE12D1004 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE12D1005 PASTERNACK-PE12D1005 Datasheet
693Kb / 4P
Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
PE-W22TW1001 PASTERNACK-PE-W22TW1001 Datasheet
405Kb / 3P
WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com