Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNNA1012 Datasheet (PDF) - Infinite Electronics International, Inc.

FNNA1012 Datasheet PDF - Infinite Electronics International, Inc.
Part # FNNA1012
Download  FNNA1012 Download
File Size   566.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Amplified Noise Source Module With a Noise Output Pout of 0 dBm, and a Voltage of 15 VDC, Operating From 10 MHz to 3 GHz With SMA

FNNA1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNNA1012 Datasheet PDF - Infinite Electronics International, Inc.

Part # FNNA1012
Download  FNNA1012 Click to download

File Size   566.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Amplified Noise Source Module With a Noise Output Pout of 0 dBm, and a Voltage of 15 VDC, Operating From 10 MHz to 3 GHz With SMA

FNNA1012 Datasheet (HTML) - Infinite Electronics International, Inc.


FNNA1012 Product details

Features
• 10 MHz to 3 GHz Bandwidth
• High Crest Factor Design
• Output Power: 0 dBm
• Typical Flatness: +/- 2.0 dB
• Noise Power: -95 dBm/Hz
• SMA Female Output Connector
• Designed to meet MIL-STD-202F
• environmental test conditions
• Amplified Noise Source
• Internal Voltage Regulation
• Applications:
• Noise Figure Measurements
• Built-In Test equipment for signal
• strenth calibrators and radar ap­
• plications
• Automatic Test Equipment (ATE)
• Jamming
• Baseband Signal Simulation
• Additive White Gausian Noise
• (AWGN) source for Error Rate
• Measurements
• Increase dynamic range of A/D
• Converters
• SATCOM for bit error rate (BER)
• and noise figure
• Can be used as a Jitter source.
• FNNA1012
• DATA SHEET




Similar Part No. - FNNA1012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FNNA1011 FAIRVIEW-FNNA1011 Datasheet
562Kb / 3P
Amplified Noise Source Module With a Noise Output Pout of 0 dBm, and a Voltage of 15 VDC, Operating From 10 MHz to 2 GHz With SMA
REV 1.1
FNNA1013 FAIRVIEW-FNNA1013 Datasheet
567Kb / 3P
Amplified Noise Source Module With a Noise Output Pout of -14 dBm, and a Voltage of 15 VDC, Operating From 10 MHz to 6 GHz With SMA
REV 1.1
More results


Similar Description - FNNA1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1003 PASTERNACK-PE85N1003 Datasheet
413Kb / 6P
50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 26 dB From 10 MHz to 6 GHz
PE85N1006 PASTERNACK-PE85N1006 Datasheet
405Kb / 6P
50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 18 GHz
PE85N1021 PASTERNACK-PE85N1021 Datasheet
412Kb / 6P
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 6 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1010 PASTERNACK-PE85N1010 Datasheet
693Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 10 dBm, 15 VDC, 0.1 MHz to 500 MHz
PE85N1011 PASTERNACK-PE85N1011 Datasheet
697Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 2 GHz
PE85N1012 PASTERNACK-PE85N1012 Datasheet
698Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 3 GHz
PE85N1013 PASTERNACK-PE85N1013 Datasheet
392Kb / 4P
SMA Amplified Noise Source Module, Output Pout of -14 dBm, 15 VDC, 10 MHz to 6 GHz
PE85N1017 PASTERNACK-PE85N1017 Datasheet
652Kb / 3P
SMA Calibrated Noise Source Bench Top, Output Pout of 0 dBm, 28 VDC, 1 MHz to 2 GHz
PE85N1018 PASTERNACK-PE85N1018 Datasheet
660Kb / 3P
SMA Calibrated Noise Source Bench Top, Output Pout of 0 dBm, 28 VDC, 10 MHz to 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com