Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC52 Datasheet (PDF) - Optronics International

MC52 Datasheet PDF - Optronics International
Part # MC52
Download  MC52 Download
File Size   173.32 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2" Round Sealed Recess Flange Mount Marker/Clearance Lights

MC52 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC52 Datasheet PDF - Optronics International

Part # MC52
Download  MC52 Click to download

File Size   173.32 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2" Round Sealed Recess Flange Mount Marker/Clearance Lights

MC52 Datasheet (HTML) - Optronics International


MC52 Product details

Sonically sealed, waterproof light for recess mount
Accepts standard two-pin PL-10 plug
Available in yellow and red models, with black or reflex flange
Reflex flange model meets SAE "A" requirements for conspicuity
Available in bulk and polypack packaging
Three Year Warranty




Similar Part No. - MC52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
DUAL J-K FLIP-FLOP
More results


Similar Description - MC52

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
MX150L??4 Circuit Rear Mount Flange Sealed
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
P46-1R05-C01 DIALIGHT-P46-1R05-C01 Datasheet
203Kb / 2P
5 1/2??Round Rail Car LED Marker Lamp
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
Visual Communications C...
131A-303R VCC-131A-303R Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
logo
Harwin Plc
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
Banner Engineering Corp...
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com