Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56 Datasheet (PDF) - Optronics International

MC56 Datasheet PDF - Optronics International
Part # MC56
Download  MC56 Download
File Size   141.7 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2.5" Sealed Recess Flange Mount Marker/Clearance Lights

MC56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC56 Datasheet PDF - Optronics International

Part # MC56
Download  MC56 Click to download

File Size   141.7 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2.5" Sealed Recess Flange Mount Marker/Clearance Lights

MC56 Datasheet (HTML) - Optronics International


MC56 Product details

Sonically sealed, waterproof light for recess mount
Accepts standard two-pin PL-10 plug
Available in bulk and polypack packaging
Three Year Warranty




Similar Part No. - MC56

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MC5610 MICROSEMI-MC5610 Datasheet
43Kb / 1P
FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
MC5610 MICROSEMI-MC5610 Datasheet
276Kb / 2P
FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
logo
Digitron Semiconductors
MC5610 DIGITRON-MC5610 Datasheet
92Kb / 1P
FAST RECOVERY SILICON RECTIFIERS
logo
Microsemi Corporation
MC5610 MICROSEMI-MC5610_04 Datasheet
276Kb / 2P
FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
MC5611 MICROSEMI-MC5611 Datasheet
43Kb / 1P
FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
More results


Similar Description - MC56

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
MX150L??4 Circuit Rear Mount Flange Sealed
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
Grayhill, Inc
88-162 GRAYHILL-88-162 Datasheet
379Kb / 5P
Sealed, Flange Mounted
88AB2-172 GRAYHILL-88AB2-172 Datasheet
379Kb / 5P
Sealed, Flange Mounted
logo
Visual Communications C...
131A-303R VCC-131A-303R Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com