Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC53AS Datasheet (PDF) - Optronics International

MC53AS Datasheet PDF - Optronics International
Part # MC53AS
Download  MC53AS Download
File Size   146.96 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2" Sealed Marker/Clearance Lights - PC Rated

MC53AS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC53AS Datasheet PDF - Optronics International

Part # MC53AS
Download  MC53AS Click to download

File Size   146.96 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2" Sealed Marker/Clearance Lights - PC Rated

MC53AS Datasheet (HTML) - Optronics International


MC53AS Product details

Sonically sealed, waterproof
Recess mount
Accept standard two-pin PL-10 plugs
Available in yellow, red, and yellow ABS models
Available in bulk, polypack and retail packaging
Upgrade to LED - MCL55 and MCL56 Series
Three Year Warranty




Similar Part No. - MC53AS

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
MC53SMC-13 SPECTRUM-MC53SMC-13 Datasheet
827Kb / 1P
Double Balanced Mixer
logo
API Technologies Corp
MC53SMC-13 APITECH-MC53SMC-13 Datasheet
856Kb / 1P
Double Balanced Mixer
More results


Similar Description - MC53AS

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com