Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC441WB Datasheet (PDF) - Optronics International

MC441WB Datasheet PDF - Optronics International
Part # MC441WB
Download  MC441WB Download
File Size   160.53 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Surface Mount Marker/Clearance Lights with Reflex

MC441WB Datasheet (PDF)

Go To PDF Page Download Datasheet
MC441WB Datasheet PDF - Optronics International

Part # MC441WB
Download  MC441WB Click to download

File Size   160.53 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Surface Mount Marker/Clearance Lights with Reflex

MC441WB Datasheet (HTML) - Optronics International


MC441WB Product details

Surface mount on 3" centers
Lens with reflex eliminates need for separate reflector
Two-wire design includes both lead and ground wire
Snap-on lens, replaceable bulb
Fender light assembly includes one each MC44AB and MC44RB in black ABS bracket;
female plug on power wire, grounding eyelet on ground wire
Available in bulk, polypack and retail packaging
Three Year Warranty




Similar Part No. - MC441WB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44107 MOTOROLA-MC44107 Datasheet
171Kb / 8P
IR Remote Control Transmitter
MC44130 MOTOROLA-MC44130 Datasheet
1Mb / 24P
SYSTEM 4 STEREOTONE SINGLE CHIP TV SOUND CONTROL
MC44130D MOTOROLA-MC44130D Datasheet
1Mb / 24P
SYSTEM 4 STEREOTONE SINGLE CHIP TV SOUND CONTROL
MC44130P MOTOROLA-MC44130P Datasheet
1Mb / 24P
SYSTEM 4 STEREOTONE SINGLE CHIP TV SOUND CONTROL
MC44140 MOTOROLA-MC44140 Datasheet
89Kb / 14P
Chroma Delay Line HCMOS Technology
More results


Similar Description - MC441WB

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
Flush Mount Switches & Pilot Lights
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
logo
Contrinex AG Industrial...
TRR-C23PA-PMS-10B CONTRINEX-TRR-C23PA-PMS-10B Datasheet
893Kb / 6P
TRANSPARENT REFLEX
TRR-C23PA-PMS-101 CONTRINEX-TRR-C23PA-PMS-101 Datasheet
893Kb / 6P
TRANSPARENT REFLEX
logo
Harwin Plc
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
Festo Corporation.
7454 FESTO-7454 Datasheet
77Kb / 1P
Reflex sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com