Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC58AS Datasheet (PDF) - Optronics International

MC58AS Datasheet PDF - Optronics International
Part # MC58AS
Download  MC58AS Download
File Size   125.04 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2.5" Surface Mount Marker/Clearance Lights

MC58AS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC58AS Datasheet PDF - Optronics International

Part # MC58AS
Download  MC58AS Click to download

File Size   125.04 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 2.5" Surface Mount Marker/Clearance Lights

MC58AS Datasheet (HTML) - Optronics International


MC58AS Product details

Surface mount on 1-1/2" centers
Hard wired (black=power)
Self grounding
Snap-on lens, replaceable bulb
Three Year Warranty




Similar Part No. - MC58AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC58000 ETC1-MC58000 Datasheet
443Kb / 50P
Magellan Motion Processor
MC58110 ETC1-MC58110 Datasheet
443Kb / 50P
Magellan Motion Processor
MC58110CP ETC1-MC58110CP Datasheet
443Kb / 50P
Magellan Motion Processor
MC58110CP ETC1-MC58110CP Datasheet
562Kb / 43P
Electrical Specification for Pulse and Direction Motion Control
MC58120 ETC1-MC58120 Datasheet
443Kb / 50P
Magellan Motion Processor
More results


Similar Description - MC58AS

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
Flush Mount Switches & Pilot Lights
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
PHOENIX CONTACT
0804879 PHOENIX-0804879 Datasheet
50Kb / 2P
Marker cards - SK 2.5/2.8: SO (CUSTOM PRTNG)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com