Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2017 Datasheet (PDF) - Infinite Electronics International, Inc.

FMLM2017 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMLM2017
Download  FMLM2017 Download
File Size   600.2 Kbytes
Page   12 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA High Power Limiter, 2 GHz to 4 GHz, 100W Peak Power, 18 dBm Flat Leakage

FMLM2017 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMLM2017 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMLM2017
Download  FMLM2017 Click to download

File Size   600.2 Kbytes
Page   12 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA High Power Limiter, 2 GHz to 4 GHz, 100W Peak Power, 18 dBm Flat Leakage

FMLM2017 Datasheet (HTML) - Infinite Electronics International, Inc.


FMLM2017 Product details

Features
• 2 GHz to 4 GHz Frequency Range
• 1.1dB Insertion Loss max.
• VSWR 1.5:1
• Leakage @ 1 Watt CW +18 dBm Max
• Peak Power Leakage +18 dBm
• +200 Watt Peak Input Power
• Field Replaceable SMA Connectors
• Heatsink Attached
• Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
• Protects low noise amplifiers and other devices from ESD or
• input power damage
• Receiver Protection
• Weapon systems
• Description
• The FMLM2017 is a Signal Limiter that operates in the 2 GHz to 4 GHz frequency range. The Limiter has a 18 dBm max leakage output power
• level and +200 Watt peak input power. Typical performance incudes 1.1 dB max insertion loss, 1.5:1 typical input VSWR. The low profile pin
• package supports field replaceable SMA connectors. The module has an operational temperature range from -40°C to 85°C and is guaranteed
• to meet a series of environmental test conditions for Altitude, Vibration, Humidity and Shock.




Similar Part No. - FMLM2017

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMLM2010 FAIRVIEW-FMLM2010 Datasheet
581Kb / 12P
SMA High Power Limiter, 50 MHz to 6 GHz, 100W Peak Power, 16.5 dBm Flat Leakage
REV 2B
FMLM2011 FAIRVIEW-FMLM2011 Datasheet
622Kb / 11P
SMA High Power Limiter, 1 GHz to 18 GHz, 10W Peak Power, 19 dBm Flat Leakage
REV A
FMLM2012 FAIRVIEW-FMLM2012 Datasheet
583Kb / 11P
SMA High Power Limiter, 5 MHz to 21 GHz, 10W Peak Power, 18 dBm Flat Leakage
REV A
FMLM2013 FAIRVIEW-FMLM2013 Datasheet
618Kb / 12P
SMA High Power Limiter, 1 GHz to 18 GHz, 1W CW Power, -20 dBm Flat Leakage
REV A
FMLM2014 FAIRVIEW-FMLM2014 Datasheet
527Kb / 11P
2.92mm High Power Limiter, 2 GHz to 26 GHz, 10W Peak Power, 18 dBm Flat Leakage
REV B
More results


Similar Description - FMLM2017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8030 PASTERNACK-PE8030 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 1 GHz to 2 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8038 PASTERNACK-PE8038 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 11 GHz to 18 GHz
PE8019 PASTERNACK-PE8019 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 1 GHz to 2 GHz
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com