Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2018 Datasheet (PDF) - Infinite Electronics International, Inc.

FMLM2018 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMLM2018
Download  FMLM2018 Download
File Size   514.14 Kbytes
Page   11 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm High Power Limiter, 29 GHz to 39 GHz, 10W Peak Power, 20 dBm Flat Leakage

FMLM2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMLM2018 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMLM2018
Download  FMLM2018 Click to download

File Size   514.14 Kbytes
Page   11 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm High Power Limiter, 29 GHz to 39 GHz, 10W Peak Power, 20 dBm Flat Leakage

FMLM2018 Datasheet (HTML) - Infinite Electronics International, Inc.


FMLM2018 Product details

Features
• 1.5 Watt Input Power(CW)
• 29 GHz to 39 GHz Frequency Range
• 2.5dB Insertion Loss max.
• VSWR 2:1
• Leakage @ 1 Watt CW +20.5 dBm Max
• Peak Power Leakage +21 dBm
• +10 Watt Peak Input Power
• Field Replaceable 2.92mm Connectors
• Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
• Protects low noise amplifiers and other devices from ESD or
• input power damage
• Receiver Protection
• Weapon systems
• Description
• The FMLM2018 is a Signal Limiter that operates in the 29 GHz to 39 GHz frequency range. The Limiter has up to 1.5 Watts CW input power
• handling capability with a 20.5 dBm max leakage output power level and +10 Watt peak input power. Typical performance incudes 2.5 dB
• max insertion loss, 2:1 typical input VSWR. The low profile pin package supports field replaceable 2.92mm connectors. The module has an
• operational temperature range from -40°C to 85°C and is guaranteed to meet a series of environmental test conditions for Altitude, Vibration,
• Humidity and Shock.




Similar Part No. - FMLM2018

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMLM2010 FAIRVIEW-FMLM2010 Datasheet
581Kb / 12P
SMA High Power Limiter, 50 MHz to 6 GHz, 100W Peak Power, 16.5 dBm Flat Leakage
REV 2B
FMLM2011 FAIRVIEW-FMLM2011 Datasheet
622Kb / 11P
SMA High Power Limiter, 1 GHz to 18 GHz, 10W Peak Power, 19 dBm Flat Leakage
REV A
FMLM2012 FAIRVIEW-FMLM2012 Datasheet
583Kb / 11P
SMA High Power Limiter, 5 MHz to 21 GHz, 10W Peak Power, 18 dBm Flat Leakage
REV A
FMLM2013 FAIRVIEW-FMLM2013 Datasheet
618Kb / 12P
SMA High Power Limiter, 1 GHz to 18 GHz, 1W CW Power, -20 dBm Flat Leakage
REV A
FMLM2014 FAIRVIEW-FMLM2014 Datasheet
527Kb / 11P
2.92mm High Power Limiter, 2 GHz to 26 GHz, 10W Peak Power, 18 dBm Flat Leakage
REV B
More results


Similar Description - FMLM2018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8030 PASTERNACK-PE8030 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 1 GHz to 2 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8037 PASTERNACK-PE8037 Datasheet
696Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power,12 dBm Flat Leakage, 8 GHz to 16 GHz
PE8038 PASTERNACK-PE8038 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 11 GHz to 18 GHz
PE8019 PASTERNACK-PE8019 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 1 GHz to 2 GHz
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com