Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMLM2020 Datasheet (PDF) - Infinite Electronics International, Inc.

FMLM2020 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMLM2020
Download  FMLM2020 Download
File Size   527.88 Kbytes
Page   11 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA High Power Limiter, 1 GHz to 6 GHz, 20W Peak Power, 18 dBm Flat Leakage

FMLM2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMLM2020 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMLM2020
Download  FMLM2020 Click to download

File Size   527.88 Kbytes
Page   11 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA High Power Limiter, 1 GHz to 6 GHz, 20W Peak Power, 18 dBm Flat Leakage

FMLM2020 Datasheet (HTML) - Infinite Electronics International, Inc.


FMLM2020 Product details

Features
• 6 Watt Input Power(CW)
• 1 GHz to 6 GHz Frequency Range
• 0.8dB Insertion Loss max.
• VSWR 1.3:1
• Leakage @ 1 Watt CW +21.5 dBm Max
• Peak Power Leakage +30 dBm
• +20 Watt Peak Input Power
• Field Replaceable SMA Connectors
• Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
• Protects low noise amplifiers and other devices from ESD or
• input power damage
• Receiver Protection
• Weapon systems
• Description
• The FMLM2020 is a Signal Limiter that operates in the 1 GHz to 6 GHz frequency range. The Limiter has up to 6 Watts CW input power
• handling capability with a 21.5 dBm max leakage output power level and +20 Watt peak input power. Typical performance incudes 0.8 dB
• max insertion loss, 1.3:1 typical input VSWR. The low profile pin package supports field replaceable SMA connectors. The module has an
• operational temperature range from -40°C to 85°C and is guaranteed to meet a series of environmental test conditions for Altitude, Vibration,
• Humidity and Shock.




Similar Part No. - FMLM2020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMLM2003 FAIRVIEW-FMLM2003 Datasheet
700Kb / 4P
High Power Limiter, Field Replaceable SMA, 100W Peak Power, 15 us Recovery, 13 dBm Flat Leakage, 20 MHz to 4 GHz
REV 1.1
FMLM2004 FAIRVIEW-FMLM2004 Datasheet
701Kb / 4P
High Power Limiter, Field Replaceable SMA, 100W Peak Power, 15 us Recovery, 18 dBm Flat Leakage, 8 GHz to 12 GHz
REV 1.1
FMLM2005 FAIRVIEW-FMLM2005 Datasheet
605Kb / 4P
High Power Limiter, Field Replaceable SMA, 100W Peak Power, 15 us Recovery, 18 dBm Flat Leakage, 500 MHz to 18 GHz
REV 1.2
FMLM2006 FAIRVIEW-FMLM2006 Datasheet
392Kb / 5P
High Power Limiter, Field Replaceable SMA, 20W Peak Power, 15 us Recovery, 14 dBm Flat Leakage, 2 GHz to 18 GHz
REV B
FMLM2007 FAIRVIEW-FMLM2007 Datasheet
704Kb / 4P
High Power Limiter, Field Replaceable 2.92mm, 100W Peak Power, 15 us Recovery, 13 dBm Flat Leakage, 18 GHz to 40 GHz
REV 1.1
More results


Similar Description - FMLM2020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8030 PASTERNACK-PE8030 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 1 GHz to 2 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8037 PASTERNACK-PE8037 Datasheet
696Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power,12 dBm Flat Leakage, 8 GHz to 16 GHz
PE8038 PASTERNACK-PE8038 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 11 GHz to 18 GHz
PE8019 PASTERNACK-PE8019 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 1 GHz to 2 GHz
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com