Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBCGFP Datasheet (PDF) - Renesas Technology Corp

R5F526TBCGFP Datasheet PDF - Renesas Technology Corp
Part # R5F526TBCGFP
Download  R5F526TBCGFP Download
File Size   1632.66 Kbytes
Page   142 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F526TBCGFP Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F526TBCGFP Datasheet PDF - Renesas Technology Corp

Part # R5F526TBCGFP
Download  R5F526TBCGFP Click to download

File Size   1632.66 Kbytes
Page   142 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F526TBCGFP Datasheet (HTML) - Renesas Technology Corp


R5F526TBCGFP Product details

120-MHz, 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply,
up to 512-KB flash memory, up to 64-KB SRAM, 16-KB data flash memory, various communications interfaces including
CAN FD, Simultaneous sampling with 3 units of 12-bit A/D converter (up to 7 channels), Analog comparator (6 channels), 120 MHz PWM (4 channels for 3-phase complementary, 2 channels for 5-phase complementary, 10 channels for single-phase complementary), 4-channel high-resolution PWM with resolution of 260 ps at the minimum, Encryption functions

■ 32-bit RXv3 CPU core
 Maximum operating frequency: 120 MHz
Capable of 709 CoreMark in operation at 120 MHz
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 5.5-V supply
 Three low-power modes
■ On-chip code flash memory
 Supports versions with up to 512 Kbytes of ROM
 Operation at 120 MHz (with no waiting)
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 16 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 64 K/48Kbytes of SRAM (with no waiting)
■ Data transfer
 DMACAa: 8 channels
 DTCb: 1 channel




Similar Part No. - R5F526TBCGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52606ADFL RENESAS-R5F52606ADFL Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFM RENESAS-R5F52606ADFM Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFN RENESAS-R5F52606ADFN Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFP RENESAS-R5F52606ADFP Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADNE RENESAS-R5F52606ADNE Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
More results


Similar Description - R5F526TBCGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com