Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA20 Datasheet (PDF) - STMicroelectronics

BTA20 Datasheet PDF - STMicroelectronics
Part # BTA20
Download  BTA20 Download
File Size   83.2 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20A TRIACS

BTA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA20 Datasheet PDF - STMicroelectronics

Part # BTA20
Download  BTA20 Click to download

File Size   83.2 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20A TRIACS

BTA20 Datasheet (HTML) - STMicroelectronics


BTA20 Product details

DESCRIPTION
The BTA20 BW/CW triac family are high performance glass passivated chips technology. The snubberless concept offer suppression of RC network and it is suitable for application such as phase control and static switching on inductive or
resistive load.
Thanks to their clip assembly technique, they provide a superior performance in surge current handling capabilities. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards (File ref.: E81734).




Similar Part No. - BTA20

ManufacturerPart #DatasheetDescription
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
20A TRIACs
logo
Continental Device Indi...
BTA20 CDIL-BTA20 Datasheet
74Kb / 2P
Triac Series
logo
Shenzhen Luguang Electr...
BTA20 LUGUANG-BTA20 Datasheet
3Mb / 5P
20A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
STMicroelectronics
BTA20-600 STMICROELECTRONICS-BTA20-600 Datasheet
470Kb / 6P
SNUBBERLESS TRIACS
Sep-2001
More results


Similar Description - BTA20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
20A TRIACs
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
TRIACs, 20A Sunbberless
logo
Unisonic Technologies
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
20A TRIACS
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
20A TRIACS
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
20A TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
TRIACs 600V, 20A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com