Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMIR1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMIR1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMIR1007
Download  FMIR1007 Download
File Size   543.02 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Isolator N Female With 18 dB Isolation From 4 GHz to 8 GHz Rated to 50 Watts

FMIR1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMIR1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMIR1007
Download  FMIR1007 Click to download

File Size   543.02 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Isolator N Female With 18 dB Isolation From 4 GHz to 8 GHz Rated to 50 Watts

FMIR1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMIR1007 Product details

Features
• and a wide dynamic temperature range.
Features
• Design: Single Junction
• Freq. Range: 4 GHz to 8 GHz
• Connectors: N Female
• Layout: Connectorized
• Applications:
• Radar Systems
• Military
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems




Similar Part No. - FMIR1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMIR1000 FAIRVIEW-FMIR1000 Datasheet
592Kb / 4P
High Power Isolator SMA Female with 18 dB Isola­ tion from 1 GHz to 2 GHz Rated to 100 Watts
REV 1.1
FMIR1001 FAIRVIEW-FMIR1001 Datasheet
593Kb / 4P
High Power Isolator N Female with 18 dB Isolation from 1 GHz to 2 GHz Rated to 100 Watts
REV 1.1
FMIR1002 FAIRVIEW-FMIR1002 Datasheet
602Kb / 4P
High Power Isolator SMA Female with 20 dB Isola­ tion from 1.7 GHz to 2.2 GHz Rated to 100 Watts
REV 1.1
FMIR1004 FAIRVIEW-FMIR1004 Datasheet
615Kb / 4P
High Power Isolator SMA Female with 20 dB Isola­ tion from 2 GHz to 4 GHz Rated to 100 Watts
REV 1.3
FMIR1005 FAIRVIEW-FMIR1005 Datasheet
602Kb / 4P
High Power Isolator N Female with 20 dB Isolation from 2 GHz to 4 GHz Rated to 100 Watts
REV 1.3
More results


Similar Description - FMIR1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8313 PASTERNACK-PE8313 Datasheet
158Kb / 2P
50 Ohm N Isolator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8315 PASTERNACK-PE8315 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 18 GHz And 10 Watts With 15 dB Isolation
PE8316 PASTERNACK-PE8316 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 8 GHz And 10 Watts With 15 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8301 PASTERNACK-PE8301 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 4 GHz And 1 Watts With 18 dB Isolation
PE8302 PASTERNACK-PE8302 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PE8303 PASTERNACK-PE8303 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 7 GHz to 12.4 GHz And 1 Watts With 18 dB Isolation
PE8304 PASTERNACK-PE8304 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 8 GHz to 18 GHz And 1 Watts With 16 dB Isolation
PE8305 PASTERNACK-PE8305 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 11 GHz to 18 GHz And 1 Watts With 20 dB Isolation
PE8306 PASTERNACK-PE8306 Datasheet
161Kb / 2P
50 Ohm SMA Isolator Operating From 18 GHz to 26.5 GHz And 1 Watts With 17 dB Isolation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com