Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet (PDF) - Renesas Technology Corp

RZ/G2L Datasheet PDF - Renesas Technology Corp
Part # RZ/G2L
Download  RZ/G2L Download
File Size   874.64 Kbytes
Page   74 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ 32 & 64-bit MPUs, RZ/G Series

RZ/G2L Datasheet (PDF)

Go To PDF Page Download Datasheet
RZ/G2L Datasheet PDF - Renesas Technology Corp

Part # RZ/G2L
Download  RZ/G2L Click to download

File Size   874.64 Kbytes
Page   74 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ 32 & 64-bit MPUs, RZ/G Series

RZ/G2L Datasheet (HTML) - Renesas Technology Corp


RZ/G2L Product details

 CPU
● Arm® Cortex®-A55, dual-core or single-core [option]
Max. operating frequency: 1.2 GHz
● Arm® Cortex®-M33, single-core
Max. operating frequency: 200 MHz
 On-chip SRAM and external memory
interfaces
● On-chip shared SRAM (128-Kbytes on-chip SRAM with ECC)
● External DDR memory interface
1-channel memory controller for DDR3L-1333 or DDR4-1600
with a 16-bit bus width
● SPI Multi I/O Bus Controller × 1 channel
(8-bit Double data rate [RZ/G2L] / 4-bit Double data rate
[RZ/G2LC])
● SD card host interface × 2 channels
● Multimedia card interface × 1 channel (Shared with SDHI)
 Video and Graphics
● H.264 Video codec processor [RZ/G2L only]
● 3D Graphics Engine of Arm® Mali™-G31
● Image Scaling Unit




Similar Part No. - RZ/G2L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/G2E RENESAS-RZ/G2E Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2H RENESAS-RZ/G2H Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2M RENESAS-RZ/G2M Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2N RENESAS-RZ/G2N Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2UL RENESAS-RZ/G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
More results


Similar Description - RZ/G2L

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
124204 ADELS-124204 Datasheet
118Kb / 2P
500 RZ/ 4
20/01/2020
124205 ADELS-124205 Datasheet
119Kb / 2P
500 RZ/ 5
124209 ADELS-124209 Datasheet
121Kb / 2P
500 RZ/ 9
logo
Renesas Technology Corp
RZ_N2L RENESAS-RZ_N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Jul 29, 2022
RZ_T2M RENESAS-RZ_T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
RZ-N2L RENESAS-RZ-N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.20 Sep 30, 2022
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com