Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/G2L Datasheet HTML 1Page - Renesas Technology Corp RZ/G2L Datasheet HTML 2Page - Renesas Technology Corp RZ/G2L Datasheet HTML 3Page - Renesas Technology Corp RZ/G2L Datasheet HTML 4Page - Renesas Technology Corp RZ/G2L Datasheet HTML 5Page - Renesas Technology Corp RZ/G2L Datasheet HTML 6Page - Renesas Technology Corp RZ/G2L Datasheet HTML 7Page - Renesas Technology Corp RZ/G2L Datasheet HTML 8Page - Renesas Technology Corp RZ/G2L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
R01DS0484EJ0110
Rev.1.10
Page 1 of 74
May 30, 2025
DATASHEET
Features
This LSI has following features.
 CPU
● Arm® Cortex®-A55, dual-core or single-core [option]
Max. operating frequency: 1.2 GHz
● Arm® Cortex®-M33, single-core
Max. operating frequency: 200 MHz
 On-chip SRAM and external memory
interfaces
● On-chip shared SRAM (128-Kbytes on-chip SRAM with ECC)
● External DDR memory interface
1-channel memory controller for DDR3L-1333 or DDR4-1600
with a 16-bit bus width
● SPI Multi I/O Bus Controller × 1 channel
(8-bit Double data rate [RZ/G2L] / 4-bit Double data rate
[RZ/G2LC])
● SD card host interface × 2 channels
● Multimedia card interface × 1 channel (Shared with SDHI)
 Video and Graphics
● H.264 Video codec processor [RZ/G2L only]
● 3D Graphics Engine of Arm® Mali™-G31
● Image Scaling Unit
 Camera and display interfaces
● Video input interface
Selectable MIPI CSI-2 × 1 channel or Digital parallel input ×
1 channel [RZ/G2L]
MIPI CSI-2 × 1 channel [RZ/G2LC]
● Video display interface
Selectable MIPI DSI × 1 channel or Digital parallel output ×
1 channel [RZ/G2L]
MIPI DSI × 1 channel [RZ/G2LC]
 Various communication/storage/network
interfaces
● USB 2.0 × 2 channels (Host only 1 channel/Host-Function
1 channel)
● Gigabit Ethernet controller × 2 channels [RZ/G2L] / × 1 channel
[RZ/G2LC]
● CANFD interface × 2 channels
● I2C bus interface × 4 channels
● Serial communication interface (SCI) × 2 channels
● Serial communication interface with FIFO (SCIF) × 5 channels
[RZ/G2L] / × 4 channels [RZ/G2LC]
● Serial Peripheral Interface (RSPI) × 3 channels
 Extended-function timers
● General PWM timer
32-bit × 8 channels [RZ/G2L] / 32-bit × 6 channels [RZ/G2LC]
● Multi-Function Timer Pulse Unit
32-bit × 1 channel, 16-bit × 8 channels [RZ/G2L]
32-bit × 1 channel, 16-bit × 7 channels [RZ/G2LC]
 Audio
● Serial sound interface × 4 channels [RZ/G2L] / × 3 channels
[RZ/G2LC]
 Analog/Digital converter (ADC) and sensor
● 12-bit A/D converter × 8 channels [RZ/G2L only]
● Thermal Sensor Unit × 1 channel
 Security
● Hardware cryptographic engine [option]
RZ/G2L Group, RZ/G2LC Group
RZ 32 & 64-bit MPUs, RZ/G Series
R01DS0484EJ0110
Rev.1.10
May 30, 2025


Similar Part No. - RZ/G2L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/G2E RENESAS-RZ/G2E Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2H RENESAS-RZ/G2H Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2M RENESAS-RZ/G2M Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2N RENESAS-RZ/G2N Datasheet
3Mb / 169P
RZ/G Series, 2nd Generation
Rev.1.01 Jun 30, 2025
RZ/G2UL RENESAS-RZ/G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
More results

Similar Description - RZ/G2L

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
124204 ADELS-124204 Datasheet
118Kb / 2P
500 RZ/ 4
20/01/2020
124205 ADELS-124205 Datasheet
119Kb / 2P
500 RZ/ 5
124209 ADELS-124209 Datasheet
121Kb / 2P
500 RZ/ 9
logo
Renesas Technology Corp
RZ_N2L RENESAS-RZ_N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Jul 29, 2022
RZ_T2M RENESAS-RZ_T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
RZ-N2L RENESAS-RZ-N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.20 Sep 30, 2022
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com