Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 27Page - Renesas Technology Corp RZ/G2L Datasheet HTML 28Page - Renesas Technology Corp RZ/G2L Datasheet HTML 29Page - Renesas Technology Corp RZ/G2L Datasheet HTML 30Page - Renesas Technology Corp RZ/G2L Datasheet HTML 31Page - Renesas Technology Corp RZ/G2L Datasheet HTML 32Page - Renesas Technology Corp RZ/G2L Datasheet HTML 33Page - Renesas Technology Corp RZ/G2L Datasheet HTML 34Page - Renesas Technology Corp RZ/G2L Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 31 of 74
May 30, 2025
3.5.2
SDHI Access Timing
3.5.2.1
SDHI Access Timing (SDR 3.3-V)
Table 3.21
SDHC AC Access Timing (SDR at 3.3-V Operation)
Default Speed Mode
(16.67 MHz)
High Speed Mode
(33.33 MHz)
Item
Symbol
Min.
Max.
Min.
Max.
Unit
Figures
SD_CLK clock cycle
tSDCYC
60.00
—
30.0
—
ns
Figure 3.8
SD_CLK clock high level width
tSDWH
23.50
—
13.50
—
ns
SD_CLK clock low level width
tSDWL
23.50
—
13.50
—
ns
SD_CLK clock rise time
tSDLH
—
10
—
3
ns
SD_CLK clock fall time
tSDHL
—
10
—
3
ns
SD_CMD,SD_DATA output delay
tSDODLY
−4.50
4.0
−4.50
4.0
ns
SD_CMD,SD_DATA input set up time
tSDIS
5.5
—
5.5
—
ns
SD_CMD,SD_DATA input hold time
tSDIH
2.0
—
2.0
—
ns
SD_CMD,SD_DATA input data width
tSDIDW
—
—
—
—
ns
SD_CLK
(output)
SD_CMD/SD_DATA
(input)
tSDCYC
tSDWL
tSDWH
tSDLH
tSDHL
tSDIS
tSDIH
tSDIDW
tSDODLY
(max)
tSDODLY
(min)
SD_CMD/SD_DATA
(output)
Figure 3.8
SDHC Interface Timing (SDR 3.3-V Power Supply)
NOTE
The disclosure of other characteristics of the SD interface needs the conclusion of the following agreement.
● SD Host/Ancillary Product License Agreement (SD HALA)
For details, contact your local sales representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com