Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 32Page - Renesas Technology Corp RZ/G2L Datasheet HTML 33Page - Renesas Technology Corp RZ/G2L Datasheet HTML 34Page - Renesas Technology Corp RZ/G2L Datasheet HTML 35Page - Renesas Technology Corp RZ/G2L Datasheet HTML 36Page - Renesas Technology Corp RZ/G2L Datasheet HTML 37Page - Renesas Technology Corp RZ/G2L Datasheet HTML 38Page - Renesas Technology Corp RZ/G2L Datasheet HTML 39Page - Renesas Technology Corp RZ/G2L Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 36 of 74
May 30, 2025
3.5.5
LCDC Access Timing
Table 3.28
LCDC AC Access Timing
Item
Symbol
Min.
Max.
Unit
Figures
DCLK period
tLcyc
11.5
172.33
ns
Figure 3.12
DCLK low pulse width
tLOL
tLcyc/2
− 1.06
tLcyc/2 + 1.06
ns
DCLK high pulse width
tLOH
tLcyc/2
− 1.06
tLcyc/2 + 1.06
ns
DCLK rise time
tLOR
—
3
ns
DCLK fall time
tLOF
—
3
ns
Data output dealy
tDD
−1.5
1.5
ns
Note:
AC access timing condition: SR = 1 (fast) / Drive capacity setting 12 mA / Load capacity 30 pF.
DISP_CLK
DISP_VSYNC
DISP_HSYNC
DISP_DE
DISP_DATA[23:0]
DISP_VSYNC
DISP_HSYNC
DISP_DE
DISP_DATA[23:0]
Case-1)
Case-2)
70%
30%
70%
30%
70%
30%
tLcyc
tLOH
tLOL
tDD
tDD
tLOF
tLOR
Note:
Case-1) DISP_CLK forward rotation output mode
When DPI_CLKMD bit in DU_DITR0 register is 0.
Case-2) DISP_CLK inverted output mode
When DPI_CLKMD bit in DU_DITR0 register is 1.
Figure 3.12
LCDC AC Access Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com