Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 15Page - Renesas Technology Corp RZ/G2L Datasheet HTML 16Page - Renesas Technology Corp RZ/G2L Datasheet HTML 17Page - Renesas Technology Corp RZ/G2L Datasheet HTML 18Page - Renesas Technology Corp RZ/G2L Datasheet HTML 19Page - Renesas Technology Corp RZ/G2L Datasheet HTML 20Page - Renesas Technology Corp RZ/G2L Datasheet HTML 21Page - Renesas Technology Corp RZ/G2L Datasheet HTML 22Page - Renesas Technology Corp RZ/G2L Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 19 of 74
May 30, 2025
3.2
Power Supply
Table 3.2
Power Supply
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Power supply voltage (3.3 V)
PVDD
2.97
3.30
3.63
V
—
Power supply voltage (1.8 V)
VDD18, ADC_AVDD18
1.62
1.80
1.98
V
—
OTP_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (1.1 V)
VDD
1.05
1.10
1.15
V
—
Power supply voltage (USB)
USB_VDD33
3.00
3.30
3.60
V
—
USB_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (SD)
SD0_PVDD,
SD1_PVDD
2.97
3.30
3.63
V
When 3.3 V is supplied
1.70
1.80
1.95
V
When 1.8 V is supplied
Power supply voltage (SPI)
SPI_PVDD
2.97
3.30
3.63
V
When 3.3 V is supplied
1.70
1.80
1.95
V
When 1.8 V is supplied
Power supply voltage (Ether)
PVDD182533_0/1
2.97
3.30
3.63
V
When 3.3 V is supplied
2.25
2.50
2.75
V
When 2.5 V is supplied
1.62
1.80
1.98
V
When 1.8 V is supplied
Power supply voltage (CSI)
CSI_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (DSI)
DSI_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (DDR)
DDR_VDDQ
1.14
1.20
1.26
V
When using DDR4
1.283
1.35
1.45
V
When using DDR3L
Power supply voltage (PLL)
PLL1_AVDD18,
PLL23_AVDD18,
PLL4_AVDD18,
PLL5_AVDD18,
PLL6_AVDD18
1.62
1.80
1.98
V
—
PLL23_DVDD11,
PLL5_DVDD11
1.05
1.10
1.15
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com