Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 30Page - Renesas Technology Corp RZ/G2L Datasheet HTML 31Page - Renesas Technology Corp RZ/G2L Datasheet HTML 32Page - Renesas Technology Corp RZ/G2L Datasheet HTML 33Page - Renesas Technology Corp RZ/G2L Datasheet HTML 34Page - Renesas Technology Corp RZ/G2L Datasheet HTML 35Page - Renesas Technology Corp RZ/G2L Datasheet HTML 36Page - Renesas Technology Corp RZ/G2L Datasheet HTML 37Page - Renesas Technology Corp RZ/G2L Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 34 of 74
May 30, 2025
3.5.3.3
eMMC host interface timing (HS200)
Table 3.26
eMMC Host Interface Timing (HS200 1.8-V Power Supply Operation, Output Load 15 pF)
Item
Symbol
Min.
Max.
Unit
Figures
SD0_CLK clock cycle
tMMCPP
7.50
15.0
ns
Figure 3.10
SD0_CLK clock high level width
tMMCWH
3.25
—
ns
SD0_CLK clock low level width
tMMCWL
3.25
—
ns
SD0_CLK clock rise time
tMMCLH
—
1.22
ns
SD0_CLK clock fall time
tMMCHL
—
1.22
ns
SD0_CMD/SDDAT output delay
tMMCODLY
−1.50
1.70
ns
SD0_CMD/SDDAT input set up time
tMMCISU
—
—
ns
SD0_CMD/SDDAT input hold time
tMMCIH
—
—
ns
SD0_CMD/SDDAT input data width
tMMCIDW
4.31
—
ns
tMMCPP
tMMCWL
tMMCWH
tMMCLH
tMMCHL
tMMCISU
tMMCIH
tMMCIDW
tMMCODLY
(max)
tMMCODLY
(min)
SD_CLK
(output)
SD_CMD, SD_D7 to SD_D0
(input)
SD_CMD, SD_D7 to SD_D0
(output)
Figure 3.10
eMMC Host Interface (MMC Interface HS200 Mode 1.8-V Power Supply Selection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com