Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 8Page - Renesas Technology Corp RZ/G2L Datasheet HTML 9Page - Renesas Technology Corp RZ/G2L Datasheet HTML 10Page - Renesas Technology Corp RZ/G2L Datasheet HTML 11Page - Renesas Technology Corp RZ/G2L Datasheet HTML 12Page - Renesas Technology Corp RZ/G2L Datasheet HTML 13Page - Renesas Technology Corp RZ/G2L Datasheet HTML 14Page - Renesas Technology Corp RZ/G2L Datasheet HTML 15Page - Renesas Technology Corp RZ/G2L Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
1. Overview
R01DS0484EJ0110
Rev.1.10
Page 12 of 74
May 30, 2025
1.1.14
Analog
Item
Description
A/D Converter
(ADC)
[RZ/G2L]
● 8 channels
● Resolution: 12-bit
● Input Range: 0 V ~ 1.8 V
● Conversion Time: 1 µs
● Operation Mode: Select mode / scan mode
● Conversion Mode: Single mode / repeat mode
● Condition for A/D conversion start
– Software trigger
– Asynchronous trigger: External trigger supported
– Synchronous trigger: MTU and PWM timer
1.1.15
Others
Item
Description
Boundary Scan
[RZ/G2L RZ/G2LC]
● Boundary scan based on IEEE 1149.1 via JTAG interface is supported.
Note that some module pins are not available on this boundary scan.
1.1.16
Power Supply Voltage
Item
Description
Power supply voltage
[RZ/G2L RZ/G2LC]
● V
DD, PLLn_DVDD11 (n = 23, 5): 1.05 to 1.15 V
● DDR_V
DDQ: 1.14 to 1.26 V (DDR4) / 1.283 to 1.45 V (DDR3L)
● V
DD18, ADC_AVDD18, PLLn_AVDD18 (n = 1, 23, 4, 5, 6): 1.62 to 1.98 V
● OTP_V
DD18, USB_VDD18, CSI_VDD18, DSI_VDD18: 1.65 to 1.95 V
● PV
DD: 2.97 to 3.63 V
● USB_V
DD33: 3.00 to 3.60 V
● SDn_PV
DD (n = 0, 1), SPI_PVDD: 2.97 to 3.63 V / 1.70 to 1.95 V
● PV
DD182533: 2.97 to 3.63 V / 2.25 to 2.75 V / 1.62 to 1.98 V
1.1.17
Temperature Range
Item
Description
Temperature range
[RZ/G2L RZ/G2LC]
● T
a:
−40°C to +85°C*1
● T
j:
−40°C to +125°C
Note 1.
If wider temp is required than this range, use case has to be investigated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com