Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 28Page - Renesas Technology Corp RZ/G2L Datasheet HTML 29Page - Renesas Technology Corp RZ/G2L Datasheet HTML 30Page - Renesas Technology Corp RZ/G2L Datasheet HTML 31Page - Renesas Technology Corp RZ/G2L Datasheet HTML 32Page - Renesas Technology Corp RZ/G2L Datasheet HTML 33Page - Renesas Technology Corp RZ/G2L Datasheet HTML 34Page - Renesas Technology Corp RZ/G2L Datasheet HTML 35Page - Renesas Technology Corp RZ/G2L Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 32 of 74
May 30, 2025
3.5.3
eMMC Access Timing
3.5.3.1
eMMC Host Interface Timing (Default)
Table 3.22
eMMC Host Interface Timing (MMC Default 3.3-V Power Supply)
Item
Symbol
Min.
Max.
Unit
Figures
SD0_CLK clock cycle
tMMCPP
40.00
—
ns
Figure 3.9
SD0_CLK clock high level width
tMMCWH
18.50
—
ns
SD0_CLK clock low level width
tMMCWL
18.50
—
ns
SD0_CLK clock rise time
tMMCLH
—
3
ns
SD0_CLK clock fall time
tMMCHL
—
3
ns
SD0_CMD/SDDAT output delay
tMMCODLY
−4.50
4.0
ns
SD0_CMD/SDDAT input set up time
tMMCISU
5.5
—
ns
SD0_CMD/SDDAT input hold time
tMMCIH
2.0
—
ns
SD0_CMD/SDDAT input data width
tMMCIDW
—
—
ns
Table 3.23
eMMC Host Interface Timing (MMC Default 1.8-V Power Supply)
Item
Symbol
Min.
Max.
Unit
Figures
SD0_CLK clock cycle
tMMCPP
40.00
—
ns
Figure 3.9
SD0_CLK clock high level width
tMMCWH
19.25
—
ns
SD0_CLK clock low level width
tMMCWL
19.25
—
ns
SD0_CLK clock rise time
tMMCLH
—
2.45
ns
SD0_CLK clock fall time
tMMCHL
—
2.45
ns
SD0_CMD/SDDAT output delay
tMMCODLY
−2.00
2.50
ns
SD0_CMD/SDDAT input set up time
tMMCISU
4.00
—
ns
SD0_CMD/SDDAT input hold time
tMMCIH
1.40
—
ns
SD0_CMD/SDDAT input data width
tMMCIDW
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com