Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 66Page - Renesas Technology Corp RZ/G2L Datasheet HTML 67Page - Renesas Technology Corp RZ/G2L Datasheet HTML 68Page - Renesas Technology Corp RZ/G2L Datasheet HTML 69Page - Renesas Technology Corp RZ/G2L Datasheet HTML 70Page - Renesas Technology Corp RZ/G2L Datasheet HTML 71Page - Renesas Technology Corp RZ/G2L Datasheet HTML 72Page - Renesas Technology Corp RZ/G2L Datasheet HTML 73Page - Renesas Technology Corp RZ/G2L Datasheet HTML 74Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
REVISION HISTORY
R01DS0484EJ0110
Rev.1.10
Page 71 of 74
May 30, 2025
REVISION HISTORY
RZ/G2L Group, RZ/G2LC Group DATASHEET
REVISION HISTORY
Description
Rev.
Date
Page
Summary
1.00
Dec 25, 2024
First edition issued
1.10
May 30, 2025 1. Overview
4
1.1.4 External Memory Interface
SPI Multi I/O Bus Controller: The description, modified (Note, added)
15
Figure 1.1 Configuration of LSI Internal Bus
Text, modified (MPU Bus
→ MCPU Bus)
SRC, deleted
16
Table 1.1 Product Lineup
Note 2, added
3. Electrical Characteristics
22
Table 3.3 DC Characteristics (1) [3.3-V I/O]
Input leakage current, added
23
Table 3.7 DC Characteristics (5) [RGMII/MII]
Input logic low (Remarks: 1.8-V RGMII/MII): The Min value, modified
24
Table 3.9 DC Characteristics (7) [1.8 V I/O (SD, QSPI)]
Output logic high voltage: The Min value, modified
Output logic low voltage: The Max value, modified
26
Table 3.18 DC Characteristics (16) [ADC]
Full-scale error, Offset error, Analog input capacitance, Analog input resistance, External
capacitance, and External resistance, added
Note 1, added
27
Figure 3.4 Analog Input Equivalent Circuit, added
31
Table 3.21 SDHC AC Access Timing (SDR at 3.3-V Operation)
SD_CLK clock high level width, SD_CLK clock low level width, SD_CMD,SD_DATA output
delay: The Min values, modified
32
Table 3.22 eMMC Host Interface Timing (MMC Default 3.3-V Power Supply)
SD0_CLK clock cycle, SD0_CLK clock high level width, SD0_CLK clock low level width,
SD0_CMD/SDDAT output delay: The Min values, modified
32
Table 3.23 eMMC Host Interface Timing (MMC Default 1.8-V Power Supply)
SD0_CLK clock cycle, SD0_CLK clock high level width, SD0_CLK clock low level width:
The Min values, modified
SD0_CMD/SDDAT output delay: The Min and Max values, modified
33
3.5.3.2 eMMC host interface timing (HS-SDR), modified
34
Table 3.26 eMMC Host Interface Timing (HS200 1.8-V Power Supply Operation, Output
Load 15 pF)
SD0_CLK clock high level width, SD0_CLK clock low level width: The Min values, modified
SD0_CMD/SDDAT output delay: The Min and Max values, modified
42
Table 3.34 Ethernet-IF Access Timing (Ether RGMII)
Duty cycle for gigabit: The Min and Max values, modified
Note, modified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com