Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 42Page - Renesas Technology Corp RZ/G2L Datasheet HTML 43Page - Renesas Technology Corp RZ/G2L Datasheet HTML 44Page - Renesas Technology Corp RZ/G2L Datasheet HTML 45Page - Renesas Technology Corp RZ/G2L Datasheet HTML 46Page - Renesas Technology Corp RZ/G2L Datasheet HTML 47Page - Renesas Technology Corp RZ/G2L Datasheet HTML 48Page - Renesas Technology Corp RZ/G2L Datasheet HTML 49Page - Renesas Technology Corp RZ/G2L Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 46 of 74
May 30, 2025
3.5.9
SPI Multi I/O Bus Controller Access Timing
Table 3.36
SPI Multi I/O Bus Contoller Access Timing (1/2)
1.8 V
3.3 V
(Serial flash/octal-SPI
flash/hyper flash
connected)
(Serial flash connected)
Item
Symbol
Min.
Max.
Min.
Max.
Unit
Figures
Clock cycle
tSPBcyc
10.0
—
15.0
—
ns
Figure 3.26,
Figure 3.30
CLK high pulse width
tSPBWH
0.45
0.55
0.45
0.55
tSPBcyc
Figure 3.26,
Figure 3.30
CLK low pulse width
tSPBWL
0.45
0.55
0.45
0.55
tSPBcyc
Figure 3.26,
Figure 3.30
CLK rise time
tSPBR
—
1.0
—
3.2
ns
Figure 3.26,
Figure 3.30
CLK fall time
tSPBF
—
1.0
—
3.2
ns
Figure 3.26,
Figure 3.30
Data input
setup time
QSPI0_SPCLK base
point (SDR mode
timing adjusted)
tSU
6.7
—
7.5
—
ns
Figure 3.27
QSPI0_SPCLK base
point (DDR mode
timing adjusted)
4.5
—
4.5
—
ns
Figure 3.28
QSPI1_SSL base
point (DQS base
point)
−0.9*2
—
―
—
ns
Figure 3.31
Data input
hold time
QSPI0_SPCLK base
point (SDR mode
timing adjusted)
tH
0.5
—
0.5
—
ns
Figure 3.27
QSPI0_SPCLK base
point (DDR mode
timing adjusted)
1.0
—
1.0
—
ns
Figure 3.28
QSPI1_SSL base
point (DQS base
point)
2.69*2
—
—
—
ns
Figure 3.31
SSL setup time
tLEAD
1.5 ×
tSPBcyc
− 3
8.5 ×
tSPBcyc + 3
1.5 ×
tSPBcyc
− 3
8.5 ×
tSPBcyc + 3
ns
Figure 3.27,
Figure 3.28,
Figure 3.31
SSL hold time
tLAG
1 ×
tSPBcyc
− 3
8 ×
tSPBcyc + 3
1 ×
tSPBcyc
− 3
8 ×
tSPBcyc + 3
ns
Figure 3.27,
Figure 3.28,
Figure 3.31
Continuous transfer delay time
tTD
1 ×
tSPBcyc
− 3
8 ×
tSPBcyc + 3
1 ×
tSPBcyc
− 3
8 ×
tSPBcyc + 3
ns
Figure 3.27,
Figure 3.28,
Figure 3.31
Data output
delay time
SDR
tOD
―
2.0
―
5.0
ns
Figure 3.27
DDR
―
6.5*2
―
7.5*3
ns
Figure 3.28
Hyper/octal
―
2.8
―
―
ns
Figure 3.31
Data output
hold time
SDR
tOH
−2.0
―
-5.0
―
ns
Figure 3.27
DDR
1.0*2
―
2.1*3
―
ns
Figure 3.28
Hyper/octal
0.9
―
―
―
ns
Figure 3.31
Skew of Clock to Data Strobe
tCKDS
―
7.0
―
―
ns
Figure 3.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com