Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 66Page - Renesas Technology Corp RZ/G2L Datasheet HTML 67Page - Renesas Technology Corp RZ/G2L Datasheet HTML 68Page - Renesas Technology Corp RZ/G2L Datasheet HTML 69Page - Renesas Technology Corp RZ/G2L Datasheet HTML 70Page - Renesas Technology Corp RZ/G2L Datasheet HTML 71Page - Renesas Technology Corp RZ/G2L Datasheet HTML 72Page - Renesas Technology Corp RZ/G2L Datasheet HTML 73Page - Renesas Technology Corp RZ/G2L Datasheet HTML 74Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
4. Package Dimensions
R01DS0484EJ0110
Rev.1.10
Page 70 of 74
May 30, 2025
Figure 4.3
Package Dimensions for LFBGA 13 mm
/0.5 mm pitch/361 pin
1
35
79
11
13
15
17
19
24
68
10
12
14
16
18
20
21
23
25
22
24
A
C
E
G
J
L
N
R
U
W
B
D
F
H
K
M
P
T
V
Y
AA
AB
AC
AD
AE
Max.
D
13.00
E
13.00
D1
12.00
E1
12.00
A
1.40
A1
0.11
b0.200.250.30
e
0.50
aaa
0.15
ccc
0.20
ddd
0.08
eee
0.15
fff
0.08
n
361
0.40
E
aaa C
ccc C
ddd C
E1
φeee
C A B
φfff
C
n X
φb
4X
B
C
JEITA Package code
P-LFBGA361-13x13-0.50
RENESAS code
PLBG0361KB-A
MASS(TYP.)[g]
INDEX AREA
Reference
Symbol
Dimension in Millimeters
Min.
Nom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com