Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 35Page - Renesas Technology Corp RZ/G2L Datasheet HTML 36Page - Renesas Technology Corp RZ/G2L Datasheet HTML 37Page - Renesas Technology Corp RZ/G2L Datasheet HTML 38Page - Renesas Technology Corp RZ/G2L Datasheet HTML 39Page - Renesas Technology Corp RZ/G2L Datasheet HTML 40Page - Renesas Technology Corp RZ/G2L Datasheet HTML 41Page - Renesas Technology Corp RZ/G2L Datasheet HTML 42Page - Renesas Technology Corp RZ/G2L Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 39 of 74
May 30, 2025
3.5.6.3
USB 2.0 Hi-Speed Access Timing
Table 3.31
USB Transceiver Timing (Hi-Speed)
Item
Symbol
Min.
Max.
Unit
Figures
Rise edge rate
tHSR
—
2133
V/µs
Figure 3.17
Fall edge rate
tHSF
—
2133
V/µs
Output driver resistance
ZHSDRV
40.5
49.5
Ω
DP, DM
10%
90%
tHSR
90%
10%
tHSF
Figure 3.17
USB0_DP, USB1_DP, USB0_DM, and USB1_DM Output Timing (Hi-Speed)
Measurement
circuit
USB_VDD
VSS
CL = 45 pF
DP
DM
CL = 45 pF
Figure 3.18
Measurement Circuit (Hi-Speed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com