Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 25Page - Renesas Technology Corp RZ/G2L Datasheet HTML 26Page - Renesas Technology Corp RZ/G2L Datasheet HTML 27Page - Renesas Technology Corp RZ/G2L Datasheet HTML 28Page - Renesas Technology Corp RZ/G2L Datasheet HTML 29Page - Renesas Technology Corp RZ/G2L Datasheet HTML 30Page - Renesas Technology Corp RZ/G2L Datasheet HTML 31Page - Renesas Technology Corp RZ/G2L Datasheet HTML 32Page - Renesas Technology Corp RZ/G2L Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 29 of 74
May 30, 2025
3.5
AC Characteristics
Conditions:
VDD = PLL23_DVDD11 = PLL5_DVDD11 = 1.1 ± 0.05 V,
PLL1_AVDD18 = PLL23_AVDD18 = PLL4_AVDD18 = PLL6_AVDD18 = 1.8 ± 0.18 V,
ADC_AVDD18 = VDD18 = 1.8 ± 0.18 V, OTP_VDD18 = 1.8 V ± 0.15 V,
USB_VDD18 = CSI_VDD18 = DSI_VDD18 = 1.8 ± 0.15 V,
PVDD = 3.3 ± 0.33 V, USB_VDD33 = 3.3 ± 0.3 V, DDR_VDDQ = 1.2 ± 0.06 V/1.283 to 1.45 V,
SPI_PVDD = SDn_PVDD (n = 0, 1) = 3.3 ± 0.33 V/1.70 to 1.95 V,
PVDD182533_n (n = 0, 1) = 3.3 ± 0.33 V/2.5 ± 0.25 V/1.8 ± 0.18 V, VSS = 0 V,
Ta =
−40 to +85°C, T
j =
−40 to +125°C
3.5.1
Clock Timing
Table 3.20
Clock Timing Table
Item
Symbol
Min.
Max.
Unit
Figures
EXCLK clock input frequency
fEX
24 – 50ppm*1
24 + 50ppm*1
MHz
Figure 3.5
EXCLK clock input cycle time
tEXcyc
41.67
41.67
ns
AUDIO_CLK1, AUDIO_CLK2 clock input frequency
(external clock is input)
fEX
10
50
MHz
AUDIO_CLK1, AUDIO_CLK2 clock input cycle time
(external clock is input)
tEXcyc
20
100
ns
EXCLK, AUDIO_CLK1, AUDIO_CLK2
clock input low level pulse width
tEXL
0.4
0.6
tEXcyc
EXCLK, AUDIO_CLK1, AUDIO_CLK2
clock input high level pulse width
tEXH
0.4
0.6
tEXcyc
EXCLK, AUDIO_CLK1, AUDIO_CLK2
clock input rise time
tEXr
—
4
ns
EXCLK, AUDIO_CLK1, AUDIO_CLK2
clock input fall time
tEXf
—
4
ns
Oscillator stabilization time
tOSC
—
1
ms
Figure 3.6,
Figure 3.7
Mode hold time
tMDH
—
100
ns
Mode setup time
tMDS
—
100
ns
Note 1.
When using RGMII interface. If not using RGMII mode, this spec is ±100 ppm.
1/2 PVDD
EXCLK,
AUDIO_CLK1,
AUDIO_CLK2
(input)
tEXcyc
tEXH
tEXL
VIH
VIH
VIL
VIL
VIH
1/2 PVDD
tEXf
tEXr
Note:
When the clock is input on the EXCLK, AUDIO_CLK1 or AUDIO_CLK2
Figure 3.5
EXCLK, AUDIO_CLK1 and AUDIO_CLK2 Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com