Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 14Page - Renesas Technology Corp RZ/G2L Datasheet HTML 15Page - Renesas Technology Corp RZ/G2L Datasheet HTML 16Page - Renesas Technology Corp RZ/G2L Datasheet HTML 17Page - Renesas Technology Corp RZ/G2L Datasheet HTML 18Page - Renesas Technology Corp RZ/G2L Datasheet HTML 19Page - Renesas Technology Corp RZ/G2L Datasheet HTML 20Page - Renesas Technology Corp RZ/G2L Datasheet HTML 21Page - Renesas Technology Corp RZ/G2L Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 18 of 74
May 30, 2025
3.
Electrical Characteristics
3.1
Absolute Maximum Ratings
Table 3.1
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage (3.3 V)
PVDD
−0.5 to +3.8
V
USB_VDD33
Power supply voltage (1.8-V/3.3-V switchable)
SD0_PVDD
−0.5 to +3.8
V
SD1_PVDD
SPI_PVDD
Power supply voltage
(1.8-V/ 2.5-V/ 3.3-V switchable)
PVDD182533_0/1
−0.5 to +3.8
V
Power supply voltage (1.8 V)
VDD18
−0.5 to +2.5
V
PLL1_AVDD18
PLL23_AVDD18
PLL4_AVDD18
PLL5_AVDD18
PLL6_AVDD18
CSI_VDD18
DSI_VDD18
USB_VDD18
ADC_AVDD18
OTP_VDD18
DDR power supply voltage
(DDR4/ DDR3L switchable)
DDR_VDDQ
−0.5 to +2.5
V
Power supply voltage (1.1-V)
VDD
−0.5 to +1.5
V
PLL23_DVDD11
PLL5_DVDD11
Input voltage
3.3-V I/O input pins
—
−0.3 to 3.3-V power supply (PV
DD,
USB_VDD33) + 0.3
V
1.8-V/3.3-V switchable I/O
input pins
—
−0.3 to 1.8-V/3.3-V switchable power
supply (SD0_PVDD, SD1_PVDD,
SPI_PVDD) + 0.3
V
1.8-V/2.5-V/3.3-V switchable
I/O input pins
—
−0.3 to 1.8-V/2.5-V/3.3-V switchable
power supply (PVDD182533_0.1) + 0.3
V
1.8-V I/O input pins
—
−0.3 to 1.8-V power supply (V
DD18,
CSI_VDD18, USB_VDD18) + 0.3
V
Operating
temperature
Ambient temperature
Ta
−40°C to +85°C*1
°C
Junction temperature
Tj
−40°C to +125°C
°C
Storage
temperature
Ambient temperature
Tstg
−40°C to +150°C
°C
Note 1.
If wider temp is required than this range, use case has to be investigated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com