Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2L Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RZ/G2L
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2L Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RZ/G2L Datasheet HTML 22Page - Renesas Technology Corp RZ/G2L Datasheet HTML 23Page - Renesas Technology Corp RZ/G2L Datasheet HTML 24Page - Renesas Technology Corp RZ/G2L Datasheet HTML 25Page - Renesas Technology Corp RZ/G2L Datasheet HTML 26Page - Renesas Technology Corp RZ/G2L Datasheet HTML 27Page - Renesas Technology Corp RZ/G2L Datasheet HTML 28Page - Renesas Technology Corp RZ/G2L Datasheet HTML 29Page - Renesas Technology Corp RZ/G2L Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
RZ/G2L Group, RZ/G2LC Group
3. Electrical Characteristics
R01DS0484EJ0110
Rev.1.10
Page 26 of 74
May 30, 2025
Table 3.16
DC Characteristics (14) [DDR3L Cross Point Voltage For Differential Output Signals (CK/DQS)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Differential output cross point voltage
relative to 0.5 × DDR_VDDQ
VOX(CK/DQS)
−0.1
—
0.1
V
Table 3.17
DC Characteristics (15) [USB 2.0]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Input levels for low/full speed
High (driven)
VIH
2.0
—
—
V
Low
VIL
—
—
0.8
V
Differential input sensitivity
VDI
0.2
—
—
V
Differential common mode range
VCM
0.8
—
2.5
V
Input levels for high speed
High-speed squelch detection threshold
(differential signal amplitude)
VHSSQ
100
—
150
mV
High-speed data signaling common
mode voltage range (guideline for
receiver)
VHSCM
−50
—
500
mV
Output levels for low/full speed
Low
VOL
0.0
—
0.3
V
High (driven)
VOH
2.8
—
3.6
V
Output signal crossover voltage
VCRS
1.3
—
2.0
V
Output levels for high-speed
High-speed idle level
VHSOI
−10.0
—
10.0
mV
High-speed data signaling high
VHSOH
360
—
440
mV
High-speed data signaling low
VHSOL
−10.0
—
10.0
mV
Chirp J level (differential voltage)
VCHIRPJ
700
—
1100
mV
Chirp K level (differential voltage)
VCHIRPK
−900
—
−500
mV
Table 3.18
DC Characteristics (16) [ADC]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Resolution
—
—
12
—
Bit
Analog input channel
—
—
—
8
Channel
Analog input range
AIN
VSS
—
ADC_AVDD18
V
Differential non-linearity
DNL
—
—
±3.0
LSB
Integral non-linearity
INL
—
—
±6.0
LSB
Full-scale error
—
—
±10
±20
LSB
Offset error
—
—
±10
±20
LSB
Analog input capacitance
CIN
—
—
12.7
pF
Analog input resistance
RIN
—
—
1785
Ω
External capacitance
CEXT
—
—
(*1)
pf
External resistance
REXT
—
—
(*1)
Ω
Note 1.
Refer to Figure 3.4 for Cext and Rext.
The Cext and Rext need to satisfy the sampling time.
A/D conversion time = sampling time (6T to 2800T) + 14T.
T stands for the cycle of ADIVCLK (20 MHz).
If A/D conversion is performed with the minimum conversion time, the sampling time must be 6T.
(Minimum conversion time per channel is 1
μs when A/D conversion clock ADIVCLK is 20 MHz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com