Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ-G3E Datasheet (PDF) - Renesas Technology Corp

RZ-G3E Datasheet PDF - Renesas Technology Corp
Part # RZ-G3E
Download  RZ-G3E Download
File Size   1701.2 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ Family, RZ/G Series

RZ-G3E Datasheet (PDF)

Go To PDF Page Download Datasheet
RZ-G3E Datasheet PDF - Renesas Technology Corp

Part # RZ-G3E
Download  RZ-G3E Click to download

File Size   1701.2 Kbytes
Page   112 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ Family, RZ/G Series

RZ-G3E Datasheet (HTML) - Renesas Technology Corp


RZ-G3E Product details

 CPU
● On-chip Quad 64-bit Arm® Cortex®-A55 Core processors
[Quad/Dual option]
Application processing (up to 1.8 GHz)
● 32-bit Arm® Cortex®-M33 processor
System management (up to 200 MHz)
 Boot
● Selectable boot CPU from Arm® Cortex®-M33 or Arm® Cortex®- A55
 Micro Neural network processing unit (NPU)
● NPU of Arm® Ethos-U55 (1 GHz) [option]
 Video and Graphics
● H.264/H.265 Video codec unit (VCD)
● 3D Graphics Engine of Arm® Mali-G52
● Image Scaling Unit (VSP)
● Frame Data Processor (FDP)




Similar Part No. - RZ-G3E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ-G3S RENESAS-RZ-G3S Datasheet
968Kb / 88P
RZ 32 & 64-bit MPUs, RZ/G Series
Rev.1.20 May 29, 2026
More results


Similar Description - RZ-G3E

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124202 ADELS-124202 Datasheet
117Kb / 2P
500 RZ/ 2
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
124204 ADELS-124204 Datasheet
118Kb / 2P
500 RZ/ 4
20/01/2020
124205 ADELS-124205 Datasheet
119Kb / 2P
500 RZ/ 5
124206 ADELS-124206 Datasheet
120Kb / 2P
500 RZ/ 6
124209 ADELS-124209 Datasheet
121Kb / 2P
500 RZ/ 9
124212 ADELS-124212 Datasheet
122Kb / 2P
500 RZ/12
logo
Renesas Technology Corp
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com