Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52616BDFN Datasheet (PDF) - Renesas Technology Corp

R5F52616BDFN Datasheet PDF - Renesas Technology Corp
Part # R5F52616BDFN
Download  R5F52616BDFN Download
File Size   1508.97 Kbytes
Page   142 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F52616BDFN Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F52616BDFN Datasheet PDF - Renesas Technology Corp

Part # R5F52616BDFN
Download  R5F52616BDFN Click to download

File Size   1508.97 Kbytes
Page   142 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F52616BDFN Datasheet (HTML) - Renesas Technology Corp


R5F52616BDFN Product details

64-MHz, 32-bit RX MCUs, on-chip FPU, 355 Coremark, up to 512-KB flash memory,
up to 36 pins capacitive touch sensing unit, up to 11 comms channels, 12-bit A/D, D/A, RTC,
IEC60730 compliance, 1.6-V to 5.5-V single supply, Encryption functions (optional)

■ 32-bit RXv3 CPU core
 Maximum operating frequency: 64 MHz
Capable of 355 Coremark in operation at 64 MHz
 Enhanced DSP instructions: 32-bit multiply-accumulate instructions,
and 16-bit multiply-subtract instructions are supported.
 On-chip FPU: 32-bit single-precision floating point compliant with
IEEE-754
 On-chip divider that operated at the fastest of two clock cycles
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
 Memory protection unit (MPU) supported
■ Low power design and architecture
 Operation from a single 1.6-V to 5.5-V supply
 Four low power consumption modes
 Low power timer (LPT) that operates during the software standby state
 Supply current
High-speed operating mode: 84 μA/MHz
Supply current in software standby mode: 1.01 μA (typ.) (Ta = 25°C)
 Recovery time from software standby mode: 6.3 μs (typ.) (Clock
Source: HOCO 64 MHz, Ta = 25°C)
■ On-chip flash memory for code
 256 K/384 K/512 Kbytes size capacities
 User code is programmable by on-board programming.
 Programmable at 1.6 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes (1,000,000 program/erase cycles (typ.))
 BGO (Background Operation)




Similar Part No. - R5F52616BDFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F526T8ADFL RENESAS-R5F526T8ADFL Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.20 Oct 31, 2024
R5F526T8ADFM RENESAS-R5F526T8ADFM Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.20 Oct 31, 2024
R5F526T8AGFL RENESAS-R5F526T8AGFL Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.20 Oct 31, 2024
R5F526T8AGFM RENESAS-R5F526T8AGFM Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.20 Oct 31, 2024
R5F526T8EDNH RENESAS-R5F526T8EDNH Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.20 Oct 31, 2024
More results


Similar Description - R5F52616BDFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com